Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP8863ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ADP8863
Rev. 0 | Page 4 of 48
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Output Voltage Threshold
VOUT
Exit Soft Start
VOUT(START)
VOUT rising
0.92 × VIN
V
Short-Circuit Protection
VOUT(SC)
VOUT falling
0.55 × VIN
V
Output Overvoltage Protection
VOVP
Activation Level
5.8
V
OVP Recovery Hysteresis
VOVP(HYS)
500
mV
Thermal Shutdown
Threshold
TSD
150
°C
Hysteresis
TSD(HYS)
20
°C
Isolation from Input to Output
During Fault
IOUTLKG
VIN = 5.5 V, VOUT = 0 V, Bit nSTBY = 0
1.5
μA
Time to Validate a Fault
tFAULT
2
μs
I2C INTERFACE
Operating VDDIO Voltage
VDDIO
5.5
V
Logic Low Input2
VIL
VIN = 3.6 V
0.6
V
Logic High Input3
VIH
VIN = 3.6 V
1.30
V
I2C TIMING SPECIFICATIONS
Guaranteed by design
Delay from Reset Deassertion to
I2C Access
tRESET
20
μs
SCL Frequency
fSCL
400
kHz
SCL High Time
tHIGH
0.6
μs
SCL Low Time
tLOW
1.3
μs
Setup Time
Data
tSU, DAT
100
ns
Repeated Start
tSU, STA
0.6
μs
Stop Condition
tSU, STO
0.6
μs
Hold Time
Data
tHD, DAT
0
0.9
μs
Start/Repeated Start
tHD, STA
0.6
μs
Bus Free Time (Stop and Start
Conditions)
tBUF
1.3
μs
Rise Time (SCL and SDA)
tR
20 + 0.1 CB
300
ns
Fall Time (SCL and SDA)
tF
20 + 0.1 CB
300
ns
Pulse Width of Suppressed Spike
tSP
0
50
ns
Capacitive Load per Bus Line
CB
400
pF
1 Current source matching is calculated by dividing the difference between the maximum and minimum current from the sum of the maximum and minimum.
2 VIL is a function of the input voltage. See
in the
section for typical values over operating ranges.
Figure 15
Figure 15
Typical Performance Characteristics
Typical Performance Characteristics
3 VIH is a function of the input voltage. See
in the
section for typical values over operating ranges.
I2C TIMING DIAGRAM
SDA
SCL
S
S = START CONDITION
Sr = REPEATED START CONDITION
P = STOP CONDITION
Sr
P
S
tLOW
tR
tHD, DAT
tHIGH
tSU, DAT
tF
tF
tSU, STA
tHD, STA
tSP
tSU, STO
tBUF
tR
Figure 2. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com