Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
ADP8863
Rev. 0 | Page 20 of 48
BACKLIGHT
D2
D3
D4
D5
D6
D7
D1
NC
NC
NC
NC
D2
D3
D4
D5
D6
D7
D1
C2+
C2–
C1+
C1–
GNDx
GNDx
ADP8863
ADP8861
CMP_IN
0.1µF
PHOTO
SENSOR
VALS
nRST
SDA
SCL
nINT
VIN
1µF
nRST
SDA
SCL
nINT
VIN
1µF
1µF
VOUT
VOUT
C1+
C1–
C2+
C2–
C1
1µF
C2
1µF
KEYPAD OR
FUN LIGHTING
Figure 44. Connecting the ADP8863 to an ADP8861 to Power More LEDs
OPERATING LEDS FROM ALTERNATIVE SUPPLIES
For some applications, it is advantageous to operate the LEDs
from a voltage source other than the ADP8863 charge pump
output. For example, it may be possible to operate a red LED
over the entire battery voltage range without any charge pump
boosting. For a charge pump,
OUT
IN
I
Gain
I
×
=
(7)
Therefore, operating the red LEDs directly from the battery
removes output current of the red LEDs from the charge pump
draw. This in turn reduces the total input current by (Gain − 1) ×
IOUT(red).
However, care must be taken when selecting LEDs to operate
from a different voltage input. Specifically, the voltage source
must at least be able to support the maximum forward voltage
(Vf) of the LED plus the maximum VHR(UP) (276 mV, given in
Table 1). Additionally, operating an LED from an independent
voltage source may interfere with the ADP8863’s gain selection
algorithm. This algorithm selects the optimal gain for the
charge pump based on all seven diodes. By operating one or
more of the diodes from another supply, the algorithm may not
switch the gain back down to a lower state until the LEDs are
disabled or the part enters standby.
D1
D2
D3
D4
D5
D6
D7
VDDIO
nRST
VDDIO
SDA
VDDIO
SCL
VDDIO
nINT
VIN
1µF
GND1
GND2
C2+
C2–
C1+
C1–
VOUT
1µF
ADP8863
C2
1µF
C1
1µF
Figure 45. Alternate Schematic for Low Vf LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com