Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ADP8863
Rev. 0 | Page 10 of 48
1
2
3
T
500ns/DIV
VOUT (AC-COUPLED) 50mV/DIV
VIN (AC-COUPLED) 50mV/DIV
IIN (AC-COUPLED) 10mA/DIV
CIN = 1µF, COUT = 1µF, C1 = 1µF, C2 = 1µF
VIN = 3.0V
IOUT = 120mA
Figure 22. Typical Operating Waveforms, G = 1.5×
1
2
3
T
500ns/DIV
VOUT (AC-COUPLED) 50mV/DIV
VIN (AC-COUPLED) 50mV/DIV
IIN (AC-COUPLED) 10mA/DIV
CIN = 1µF, COUT = 1µF, C1 = 1µF, C2 = 1µF
VIN = 2.5V
IOUT = 120mA
Figure 23. Typical Operating Waveforms, G = 2×
2
4
100µs/DIV
IOUT (10mA/DIV)
VOUT (1V/DIV)
IIN (10mA/DIV)
CIN = 10pF, COUT = 1µF
C1 = 1µF, C2 = 1µF
VIN = 3.7V
IOUT = 30mA
(ONE DIODE AT
MAX CURRENT)
Figure 24. Typical Start-Up Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com