Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
ADP8863
Rev. 0 | Page 31 of 48
Backlight Fade (BLFR)—Register 0x08
Table 25. BLFR Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BL_FO
BL_FI
Table 26. Bit Descriptions for the BLFR Register
Bit
Name
Bit No.
Description
BL_FO
[7:4]
Backlight fade out rate. If fade out is disabled (BL_FO = 0000), the backlight changes instantly (within 100 ms). If the
fade out rate is set, the backlight fades from its current value to the dim or the off value. The times listed for BL_FO are
for a full-scale fade out (30 mA to 0 mA). Fades between closer current values reduce the fade time. See the Automated
Fade In and Fade Out Section for more information.
0000 = 0.1 sec (fade out disabled)1
0001 = 0.3 sec
0010 = 0.6 sec
0011 = 0.9 sec
0100 = 1.2 sec
0101 = 1.5 sec
0110 = 1.8 sec
0111 = 2.1 sec
1000 = 2.4 sec
1001 = 2.7 sec
1010 = 3.0 sec
1011 = 3.5 sec
1100 = 4.0 sec
1101 = 4.5 sec
1110 = 5.0 sec
1111 = 5.5 sec
BL_FI
[3:0]
Backlight fade in rate. If fade in is disabled (BL_FI = 0000), the backlight changes instantly (within 100 ms). If the fade in
rate is set, the backlight fades from its current value to its maximum value when the backlight is turned on. The times
listed for BL_FI are for a full-scale fade in (0 mA to 30 mA). Fades between closer current values reduce the fade time.
See the Automated Fade In and Fade Out Section for more information.
0000 = 0.1 sec (fade in disabled)1
0001 = 0.3 sec
0010 = 0.6 sec
0011 = 0.9 sec
1111 = 5.5 sec
1 When fade in and fade out are disabled, the backlight does not instantly fade, but instead, fades rapidly within about 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com