Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
ADP8863
Rev. 0 | Page 44 of 48
COMPARATOR REGISTER DESCRIPTIONS
Comparator Configuration (CCFG)—Register 0x1B
Table 65. CCFG Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FILT
FORCE_RD
L3_OUT
L2_OUT
L3_EN
L2_EN
Table 66. Bit Descriptions for the CCFG Register
Bit Name
Bit No.
Description
FILT
[7:5]
Filter setting for the CMP_IN light sensor.
000 = 80 ms
001 = 160 ms
010 = 320 ms
011 = 640 ms
100 = 1280 ms
101 = 2560 ms
110 = 5120 ms
111 = 10,240 ms
FORCE_RD
4
Force a read of the CMP_IN light sensor while independent sinks are running, but the backlight is not. Reset by
chip after the conversion is complete and L2_OUT and L3_OUT are valid. Ignored if the backlight is enabled.
L3_OUT
3
This bit is the output of the L3 comparator.
L2_OUT
2
This bit is the output of the L2 comparator.
L3_EN
1
1 = the L3 comparator is enabled for the CMP_IN comparator.
0 = the L3 comparator is disabled for the CMP_IN comparator.
L2_EN
0
Note that the L3 comparator has priority over the L2 comparator.
1 = the L2 comparator is enabled for the CMP_IN comparator.
0 = the L2 comparator is disabled for the CMP_IN comparator.
Second Comparator Configuration (CCFG2)—Register 0x1C
Table 67. CCFG2 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FILT2
FORCE_RD2
L3_OUT2
L2_OUT2
L3_EN2
L2_EN2
Table 68. Bit Descriptions for the CCFG2 Register
Bit Name
Bit No.
Description
FILT2
[7:5]
Filter setting for the CMP_IN2 light sensor.
000 = 80 ms
001 = 160 ms
010 = 320 ms
011 = 640 ms
100 = 1280 ms
101 = 2560 ms
110 = 5120 ms
111= 10,240 ms
FORCE_RD2
4
Force a read of the CMP_IN2 light sensor while independent sinks are running, but the backlight is not. Reset by
chip after the conversion is complete and L2_OUT and L3_OUT are valid. Ignored if backlight is enabled.
L3_OUT2
3
This bit is the output of the L3 comparator for the second light sensor.
L2_OUT2
2
This bit is the output of the L2 comparator for the second light sensor.
L3_EN2
1
1 = the L3 comparator is enabled for the CMP_IN2 comparator.
0 = the L3 comparator is disabled for the CMP_IN2 comparator.
L2_EN2
0
Note that the L3 comparator has priority over the L2 comparator.
1 = the L2 comparator is enabled for the CMP_IN2 comparator.
0 = the L2 comparator is disabled for the CMP_IN2 comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com