Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ADP8863
Rev. 0 | Page 7 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6 V, SCL = 2.7 V, SDA = 2.7 V, nRST = 2.7 V, VD1:D7 = 0.4 V, CIN = 1 μF, Capacitor C1 = 1 μF, Capacitor C2 = 1 μF, COUT = 1 μF,
TA= 25°C, unless otherwise noted.
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+25°C
+85°C
+105°C
–40°C
IOUT = NO LOAD
Figure 4. Typical Quiescent Current, G = 1×
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+25°C
+85°C
+105°C
–40°C
IOUT = NO LOAD
Figure 5. Typical Quiescent Current, G = 2×, IQ(ACTIVE)
10
1
0.1
0.01
0.001
1
0
2
345
6
VIN (V)
+25°C
+85°C
+105°C
–40°C
SCL = SDA = 0V
nRST = 2.7V
Figure 6. Typical Standby IQ vs. VIN
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VHR (V)
VIN = 3.6V
ID1:D7 = 30mA
D1
D2
D3
D4
D5
D6
D7
Figure 7. Typical Diode Current vs. Current Sink Headroom Voltage (VHR)
35
34
33
32
31
30
29
28
27
26
25
2.0
5.5
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
VD1:D7 = 0.4V
D1
D2
D3
D4
D5
D6
D7
Figure 8. Typical Diode Matching vs. VIN
6
0
1
2
3
4
5
0.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
VHR (V)
+25°C
+85°C
+105°C
–40°C
VIN = 3.6V
ID1:D7 = 30mA
Figure 9. Typical Diode Matching vs. Current Sink Headroom Voltage (VHR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com