Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
ADP8863
Rev. 0 | Page 11 of 48
THEORY OF OPERATION
The ADP8863 combines a powerful LED charge pump driver
with independent control of up to seven LEDs. These LED
drivers can sink up to 30 mA (typical) on six channels. The
seventh LED can also be driven to 60 mA (typical). All LEDs
can be individually programmed or combined into a group to
operate backlight LEDs. A full set of safety features, including
short-circuit, overvoltage, and overtemperature protection with
input-to-output isolation, allows for a robust and safe design.
The integrated soft start limits inrush currents at startup, restart
attempts, and gain transitions.
GND2
nINT
VOUT
CIN
VIN
STNDBY
EN
VIN
VIN
VBAT
C1+
SDA
SCL
VDDIO
STANDBY
SWITCH CONTROL
CURRENT SINK CONTROL
C1–
C2+
C2–
nRST
NOISE FILTER
50µs
RESET
D2
D3
D4
D5
D6
D7
CMP_IN
D1
ID1
ID2
ID3
ID4
ID5
ID6
ID7
SOFT START
OPTIONAL
PHOTOSENSOR
GND1
CLK
UVLO
VREFS
IREFS
COUT
ISS
VIN
GAIN
SELECT
LOGIC
CHARGE
PUMP
LOGIC
LIGHT
SENSOR
LOGIC
PHOTOSENSOR
CONVERSION
CHARGE
PUMP
(1×, 1.5×, 2×)
C1
1µF
C2
1µF
I2C
LOGIC
VALS
Figure 25. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com