Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP8863ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Charge Pump, 7-Channel
Fun Lighting LED Driver
ADP8863
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Automated blinking and funlight timing for each LED driver
16 programmable fade in and fade out times
0.1 sec to 5.5 sec
Selectable linear, square, or cubic fade rates
7 independent and programmable LED drivers
7 drivers capable of 30 mA (maximum)
1 driver also capable of 60 mA (maximum)
Programmable maximum current limit (128 levels)
Separate and independent controls for backlight LEDs
Backlight fade override
Up to two built-in comparator inputs with programmable
modes for ambient light sensing
Charge pump with automatic gain selection of 1×, 1.5×, and
2× for maximum efficiency
Standby mode for <1 μA current consumption
I2C-compatible interface for all programming
Dedicated reset pin and built-in power-on reset (POR)
Short-circuit, overvoltage, and overtemperature protection
Internal soft start to limit inrush currents
Input-to-output isolation during faults or shutdown
Operation down to VIN = 2.5 V with undervoltage lockout
(UVLO) at VIN = 2.0 V
Small lead frame chip scale package (LFCSP)
APPLICATIONS
LED indication
Funlight indicator lighting
Keypad backlighting
RGB LED color generation and mixing
General backlighting of small format displays
TYPICAL OPERATING CIRCUIT
D1
D2
D3
D4
D5
D6
D7
VDDIO
nRST
SDA
SCL
VIN
CIN
1µF
GND1
GND2
C2+
C2–
C2
1µF
C1+
C1–
C1
1µF
COUT
1µF
0.1µF
ADP8863
nINT
CMP_IN
VALS
VOUT
PHOTO
SENSOR
Figure 1.
GENERAL DESCRIPTION
The ADP8863 combines a powerful charge pump driver with
advanced autonomous LED lighting features. It allows as
many as seven LEDs to be independently driven up to 30 mA
(maximum). The seventh LED can also be driven to 60 mA
(maximum). All LEDs are programmable for maximum current
and fade in/fade out times via the I2C interface.
Additionally, automated blinking routines can be independently
programmed and enabled for all seven LED channels. These
LEDs can also be combined into groups to reduce the processor
instructions.
This entire configuration is driven by a two-capacitor charge pump
with gains of 1×, 1.5×, and 2×. The charge pump is capable of
driving a maximum IOUT of 240 mA from a supply of 2.5 V to
5.5 V. The device includes a variety of safety features including
short-circuit, overvoltage, and overtemperature protection.
These features allow easy implementation of a safe and robust
design. Additionally, input inrush currents are limited via an
integrated soft start combined with controlled input-to-output
isolation.
The ADP8863 is available in a compact lead frame chip scale
package (LFCSP).


Similar Part No. - ADP8863ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860ACBZ-R7 AD-ADP8860ACBZ-R7 Datasheet
997Kb / 52P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860ACPZ-R7 AD-ADP8860ACPZ-R7 Datasheet
997Kb / 52P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861ACPZ-RL AD-ADP8861ACPZ-RL Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
More results

Similar Description - ADP8863ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
3-Channel Charge-Pump LED Driver
3103.2008.03.1.0
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
2-Channel Charge-Pump LED Driver
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
3-Channel Charge-Pump LED Driver
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
Analog Devices
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8866 AD-ADP8866 Datasheet
84Kb / 2P
Charge Pump Driven 9-Channel LED Driver with Automated LED Lighting Effects
Rev. PrA
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
Dual Channel Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com