Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
ADP8863
Rev. 0 | Page 47 of 48
First Phototransistor Register: High Byte (PH1LEVH)—Register 0x22
Table 79. PH1LEVH Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
PH1LEV_HIGH
Table 80. Bit Descriptions for the PH1LEVH Register
Bit Name
Bit No.
Description
N/A
[7:5]
Reserved.
PH1LEV_HIGH
[4:0]
Upper five bits of the 13-bit conversion value for the first light sensor (Bit 12 to Bit 8). The value is
updated every 80 ms (when the light sensor is enabled). This is a read-only register.
Second Phototransistor Register: Low Byte (PH2LEVL)—Register 0x23
Table 81. PH2LEVL Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PH2LEV_LOW
Table 82. Bit Descriptions for the PH2LEVL Register
Bit Name
Bit No.
Description
PH2LEV_LOW
[7:0]
Lower eight bits of the 13-bit conversion value for the second light sensor (Bit 7 to Bit 0). The value is
updated every 80 ms (when the light sensor is enabled). This is a read-only register.
Second Phototransistor Register: High Byte (PH2LEVH)—Register 0x24
Table 83. PH2LEVH Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
PH2LEV_HIGH
Table 84. Bit Descriptions for the PH2LEVH Register
Bit Name
Bit No.
Description
N/A
[7:5]
Reserved
PH2LEV_HIGH
[4:0]
Upper five bits of the 13-bit conversion value for the second light sensor (Bit 12 to Bit 8). The value is
updated every 80 ms (when the light sensor is enabled). This is a read-only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com