Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
ADP8863
Rev. 0 | Page 40 of 48
Sink Current Register LED7 (ISC7)—Register 0x14
Table 50. ISC7 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCR
SCD7
Table 51. Bit Descriptions for the ISC7 Register
Bit Name
Bit No.
Description
SCR
7
1 = Sink Current 1.
0 = Sink Current 0.
SCD7
[6:0]
For Sink Current 0, use the following DAC code schedule (see Table 29 for a complete list of values).
DAC
Linear Law (mA)
Square Law (mA)
0000000
0.000
0
0000001
0.236
0.002
0000010
0.472
0.007
0000011
0.709
0.017
…
…
…
1111111
30
30
For Sink Current 1, use the following DAC code schedule (see Table 52 for a complete list of values).
DAC
Linear Law (mA)
Square Law (mA)
0000000
0.000
0
0000001
0.472
0.004
0000010
0.945
0.014
0000011
1.42
0.034
…
…
…
1111111
60
60
Table 52. Linear and Square Law Currents for LED7 (SCR = 1)
DAC Code
Linear Law (mA)
Square Law (mA)1
0x00
0.000
0
0x01
0.472
0.004
0x02
0.945
0.014
0x03
1.42
0.034
0x04
1.89
0.06
0x05
2.36
0.094
0x06
2.83
0.134
0x07
3.31
0.182
0x08
3.78
0.238
0x09
4.25
0.302
0x0A
4.72
0.372
0x0B
5.20
0.45
0x0C
5.67
0.536
0x0D
6.14
0.628
0x0E
6.61
0.73
0x0F
7.09
0.838
0x10
7.56
0.952
0x11
8.03
1.076
0x12
8.50
1.206
0x13
8.98
1.342
0x14
9.45
1.488
0x15
9.92
1.64
0x16
10.39
1.8
0x17
10.87
1.968
DAC Code
Linear Law (mA)
Square Law (mA)1
0x18
11.34
2.142
0x19
11.81
2.326
0x1A
12.28
2.514
0x1B
12.76
2.712
0x1C
13.23
2.916
0x1D
13.70
3.128
0x1E
14.17
3.348
0x1F
14.65
3.574
0x20
15.12
3.81
0x21
15.59
4.052
0x22
16.06
4.3
0x23
16.54
4.558
0x24
17.01
4.822
0x25
17.48
5.092
0x26
17.95
5.372
0x27
18.43
5.658
0x28
18.90
5.952
0x29
19.37
6.254
0x2A
19.84
6.562
0x2B
20.31
6.878
0x2C
20.79
7.202
0x2D
21.26
7.534
0x2E
21.73
7.872
0x2F
22.20
8.218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com