Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8863ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP8863ACPZ-R7
Description  Charge Pump,7-Channel Fun Lighting LED Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8863ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP8863ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP8863ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ADP8863
Rev. 0 | Page 32 of 48
Backlight Level 1 (Daylight) Maximum Current Register (BLMX1)—Register 0x09
Table 27. BLMX1 Bit Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
BL1_MC
Table 28. Bit Descriptions for the BLMX1 Register
Bit Name
Bit No.
Description
N/A
7
Reserved.
BL1_MC
[6:0]
Backlight Level 1 (daylight) maximum current. The backlight maximum current can be set according to
the linear or square law function (see Table 29 for a complete list of values).
DAC
Linear Law (mA)
Square Law (mA)
0000000
0
0.000
0000001
0.236
0.002
0000010
0.472
0.007
0000011
0.709
0.017
…
…
…
1111111
30
30
Table 29. Linear and Square Law Currents Per DAC Code (SCR = 0)
DAC Code
Linear Law (mA)
Square Law (mA)1
0x00
0
0.000
0x01
0.236
0.002
0x02
0.472
0.007
0x03
0.709
0.017
0x04
0.945
0.030
0x05
1.181
0.047
0x06
1.417
0.067
0x07
1.654
0.091
0x08
1.890
0.119
0x09
2.126
0.151
0x0A
2.362
0.186
0x0B
2.598
0.225
0x0C
2.835
0.268
0x0D
3.071
0.314
0x0E
3.307
0.365
0x0F
3.543
0.419
0x10
3.780
0.476
0x11
4.016
0.538
0x12
4.252
0.603
0x13
4.488
0.671
0x14
4.724
0.744
0x15
4.961
0.820
0x16
5.197
0.900
0x17
5.433
0.984
0x18
5.669
1.071
0x19
5.906
1.163
0x1A
6.142
1.257
0x1B
6.378
1.356
0x1C
6.614
1.458
0x1D
6.850
1.564
0x1E
7.087
1.674
0x1F
7.323
1.787
0x20
7.559
1.905
0x21
7.795
2.026
DAC Code
Linear Law (mA)
Square Law (mA)1
0x22
8.031
2.150
0x23
8.268
2.279
0x24
8.504
2.411
0x25
8.740
2.546
0x26
8.976
2.686
0x27
9.213
2.829
0x28
9.449
2.976
0x29
9.685
3.127
0x2A
9.921
3.281
0x2B
10.157
3.439
0x2C
10.394
3.601
0x2D
10.630
3.767
0x2E
10.866
3.936
0x2F
11.102
4.109
0x30
11.339
4.285
0x31
11.575
4.466
0x32
11.811
4.650
0x33
12.047
4.838
0x34
12.283
5.029
0x35
12.520
5.225
0x36
12.756
5.424
0x37
12.992
5.627
0x38
13.228
5.833
0x39
13.465
6.043
0x3A
13.701
6.257
0x3B
13.937
6.475
0x3C
14.173
6.696
0x3D
14.409
6.921
0x3E
14.646
7.150
0x3F
14.882
7.382
0x40
15.118
7.619
0x41
15.354
7.859
0x42
15.591
8.102
0x43
15.827
8.350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com