Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 127 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 127 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 123Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 124Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 125Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 126Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 127Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 128Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 129Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 130Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 131Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 240 page
background image
EM351 / EM357
The prescaler shadow register is reloaded with the buffer value (contents of the TIMx_PSC register).
The auto-reload active register is updated with the buffer value (contents of the TIMx_ARR register). The
auto-reload is updated before the counter is reloaded, so that the next period is the expected one.
Figure 9-7 and Figure 9-8 show some examples of the counter behavior for different clock frequencies when
TIMx_ARR = 0x36.
Figure 9-7. Counter Timing Diagram, Internal Clock Divided by 1
Figure 9-8. Counter Timing Diagram, Internal Clock Divided by 4
9.3.2.3
Center-Aligned Mode (Up/Down Counting)
In center-aligned mode, the counter counts from 0 to the auto-reload value (contents of the TIMx_ARR
register) – 1 and generates a counter overflow event, then counts from the autoreload value down to 1 and
generates a counter underflow event. Then it restarts counting from 0.
In this mode, the direction bit (TIM_DIR in the TIMx_CR1 register) cannot be written. It is updated by hardware
and gives the current direction of the counter.
The UEV can be generated at each counter overflow and at each counter underflow. Setting the TIM_UG bit in
the TIMx_EGR register by software or by using the slave mode controller also generates a UEV. In this case,
the both the counter and the prescaler’s counter restart counting from 0.
Software can disable the UEV by setting the TIM_UDIS bit in the TIMx_CR1 register. This avoids updating the
shadow registers while writing new values in the buffer registers. Then no UEV occurs until the TIM_UDIS bit
has been written to 0. However, the counter continues counting up and down, based on the current auto-
reload value.
In addition, if the TIM_URS bit in the TIMx_CR1 register is set, setting the TIM_UG bit generates a UEV, but
without setting the INT_TIMUIF flag. Thus no interrupt request is sent. This avoids generating both update and
capture interrupt when clearing the counter on the capture event.
9-7
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com