Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 131 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 131 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 127Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 128Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 129Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 130Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 131Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 132Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 133Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 134Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 135Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 240 page
background image
EM351 / EM357
Table 9-2. TIM_EXTRIGSEL Clock Signal Selection
TIM_EXTRIGSEL bits Clock Signal Selection
00
PCLK (peripheral clock). When running from the 24 MHz crystal oscillator, the PCLK
frequency is 12 MHz. When the 12 MHz RC oscillator is in use, the frequency is 6 MHz.
01
Calibrated 1 kHz internal RC oscillator
10
Optional 32.786 kHz clock
11
TIMxCLK pin. If the TIM_CLKMSKEN bit in the TIMx_OR register is set, this signal is
AND’ed with the TIMxMSK pin providing a gated clock input.
Figure 9-15 gives an overview of the external trigger input block.
Figure 9-15. External Trigger Input Block
For example, to configure the up-counter to count each 2 rising edges on ETR, use the following procedure:
As no filter is needed in this example, write TIM_ETF = 0000 in the TIMx_SMCR register.
Set the prescaler: Write TIM_ETPS = 01 in the TIMx_SMCR register.
Select rising edge detection on ETR: WriteTIM_ETP = 0 in the TIMx_SMCR register.
Enable external clock mode 2: Write TIM_ECE = 1 in the TIMx_SMCR register.
Enable the counter: Write TIM_CEN = 1 in the TIMx_CR1 register.
The counter counts once each 2 ETR rising edges. The delay between the rising edge on ETR and the actual
clock of the counter is due to the resynchronization circuit on the ETRP signal.
Figure 9-16 illustrates counting every 2 rising edges of ETR using external clock mode 2.
9-11
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com