Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 136 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 136 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 132Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 133Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 134Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 135Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 136Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 137Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 138Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 139Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 140Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 240 page
background image
EM351 / EM357
Sets a flag in the interrupt flag register (the INT_TIMCCyIF bit in the INT_TIMxFLAG register).
Generates an interrupt if the corresponding interrupt mask is set (the TIM_CCyIF bit in the INT_TIMxCFG
register).
The TIMx_CCRy registers can be programmed with or without buffer registers using the TIM_OCyBE bit in the
TIMx_CCMR1 register.
In output compare mode, the UEV has no effect on OCyREF or the OCy output. The timing resolution is one
count of the counter. Output compare mode can also be used to output a single pulse (in one pulse mode).
Procedure:
1. Select the counter clock (internal, external, and prescaler).
2. Write the desired data in the TIMx_ARR and TIMx_CCRy registers.
3. Set the INT_TIMCCyIF bit in INT_TIMxCFG if an interrupt request is to be generated.
4. Select the output mode. For example, you must write TIM_OCyM = 011, TIM_OCyBE = 0, TIM_CCyP = 0 and
TIM_CCyE = 1 to toggle the OCy output pin when TIMx_CNT matches TIMx_CCRy, TIMx_CCRy buffer is not
used, OCy is enabled and active high.
5. Enable the counter: Set the TIM_CEN bit in the TIMx_CR1 register.
To control the output waveform, software can update the TIMx_CCRy register at any time, provided that the
buffer register is not enabled (TIM_OCyBE = 0). Otherwise TIMx_CCRy shadow register is updated only at the
next UEV. An example is given in Figure 9-21.
Figure 9-21. Output Compare Mode, Toggle on OC1
9.3.9
PWM Mode
Pulse width modulation mode allows you to generate a signal with a frequency determined by the value of the
TIMx_ARR register, and a duty cycle determined by the value of the TIMx_CCRy register.
PWM mode can be selected independently on each channel (one PWM per OCy output) by writing 110 (PWM
mode 1) or 111 (PWM mode 2) in the TIM_OCyM bits in the TIMx_CCMR1 register. The corresponding buffer
register must be enabled by setting the TIM_OCyBE bit in the TIMx_CCMR1 register. Finally, in up-counting or
center-aligned mode the auto-reload buffer register must be enabled by setting the TIM_ARBE bit in the
TIMx_CR1 register.
9-16
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com