Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 137 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 137 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 133Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 134Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 135Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 136Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 137Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 138Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 139Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 140Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 141Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 240 page
background image
EM351 / EM357
Because the buffer registers are only transferred to the shadow registers when a UEV occurs, before starting
the counter initialize all the registers by setting the TIM_UG bit in the TIMx_EGR register.
OCy polarity is software programmable using the TIM_CCyP bit in the TIMx_CCER register. It can be
programmed as active high or active low. OCy output is enabled by the TIM_CCyE bit in the TIMx_CCER
register. Refer to the TIMx_CCER register description in the Registers section for more details.
In PWM mode (1 or 2), TIMx_CNT and TIMx_CCRy are always compared to determine whether
TIMx_CCRy ≤ TIMx_CNT or TIMx_CNT ≤ TIMx_CCRy,depending on the direction of the counter. The OCyREF
signal is asserted only:
When the result of the comparison changes, or
When the output compare mode (TIM_OCyM bits in the TIMx_CCMR1 register) switches from the “frozen”
configuration (no comparison, TIM_OCyM = 000) to one of the PWM modes (TIM_OCyM = 110 or 111).
This allows software to force a PWM output to a particular state while the timer is running.
The timer is able to generate PWM in edge-aligned mode or center-aligned mode depending on the TIM_CMS
bits in the TIMx_CR1 register.
9.3.9.1
PWM Edge-Aligned Mode: Up-Counting Configuration
Up-counting is active when the TIM_DIR bit in the TIMx_CR1 register is low. Refer to the section Up-Counting
Mode.
The following example uses PWM mode 1. The reference PWM signal OCyREF is high as long as
TIMx_CNT < TIMx_CCRy, otherwise it becomes low. If the compare value in TIMx_CCRy is greater than the
auto-reload value in TIMx_ARR, then OCyREF is held at 1. If the compare value is 0, then OCyREF is held at 0.
Figure 9-22 shows some edge-aligned PWM waveforms in an example, where TIMx_ARR = 8.
Figure 9-22. Edge-Aligned PWM Waveforms (ARR = 8)
9.3.9.2
PWM Edge-Aligned Mode: Down-Counting Configuration
Down-counting is active when the TIM_DIR bit in the TIMx_CR1 register is high. Refer to the Down-Counting
Mode section for more information.
In PWM mode 1, the reference signal OCyREF is low as long as TIMx_CNT > TIMx_CCRy, otherwise it becomes
high. If the compare value in TIMx_CCRy is greater than the auto-reload value in TIMx_ARR, then OCyREF is
held at 1. Zero-percent PWM is not possible in this mode.
9-17
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com