Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 153 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 153 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 149Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 150Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 151Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 152Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 153Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 154Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 155Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 156Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 157Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 240 page
background image
EM351 / EM357
TIMx_CR2
TIM1_CR2
Timer 1 Control Register 2
Address: 0x4000E004 Reset: 0x0
TIM2_CR2
Timer 2 Control Register 2
Address: 0x4000F004 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
TIM_TI1S
TIM_MMS
0
0
0
0
Bitname
Bitfield
Access
Description
TIM_TI1S
[7]
RW
TI1 Selection.
0: TI1M (input of the digital filter) is connected to TI1 input.
1: TI1M is connected to the TI_HALL inputs (XOR combination).
TIM_MMS
[6:4]
RW
Master Mode Selection.
This selects the information to be sent in master mode to a slave timer for
synchronization using the trigger output (TRGO).
000: Reset - the TIM_UG bit in the TMRx_EGR register is trigger output.
If the reset is generated by the trigger input (slave mode controller configured in reset
mode), then the signal on TRGO is delayed compared to the actual reset.
001: Enable - counter enable signal CNT_EN is trigger output.
This mode is used to start both timers at the same time or to control a window in which a
slave timer is enabled. The counter enable signal is generated by either the TIM_CEN
control bit or the trigger input when configured in gated mode. When the counter enable
signal is controlled by the trigger input there is a delay on TRGO except if the
master/slave mode is selected (see the TIM_MSM bit description in TMRx_SMCR register).
010: Update - UEV is trigger output.
This mode allows a master timer to be a prescaler for a slave timer.
011: Compare Pulse.
The trigger output sends a positive pulse when the TIM_CC1IF flag is to be set (even if it
was already high) as soon as a capture or a compare match occurs.
100: Compare - OC1REF signal is trigger output.
101: Compare - OC2REF signal is trigger output.
110: Compare - OC3REF signal is trigger output.
111: Compare - OC4REF signal is trigger output.
9-33
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com