Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 157 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 157 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 153Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 154Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 155Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 156Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 157Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 158Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 159Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 160Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 161Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 240 page
background image
EM351 / EM357
TIM1_CCMR1
TIM1_CCMR1
Timer 1 Capture/Compare Mode Register 1
Address: 0x4000E018 Reset: 0x0
TIM2_CCMR1
Timer 2 Capture/Compare Mode Register 1
Address: 0x4000F018 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
TIM_OC2M
TIM_OC2BE
TIM_OC2FE
TIM_IC2F
TIM_IC2PSC
TIM_CC2S
7
6
5
4
3
2
1
0
0
TIM_OC1M
TIM_OC1BE
TIM_OC1FE
TIM_IC1F
TIM_IC1PSC
TIM_CC1S
Timer channels can be programmed as inputs (capture mode) or outputs (compare mode). The direction of channel y is defined by TIM_CCyS in this
register.
The other bits in this register have different functions in input and in output modes. The TIM_OC* fields only apply to a channel configured as an
output (TIM_CCyS = 0), and the TIM_IC* fields only apply to a channel configured as an input (TIM_CCyS > 0).
Bitname
Bitfield
Access
Description
TIM_OC2M
[14:12]
RW
Output Compare 2 Mode. (Applies only if TIM_CC2S = 0.)
Define the behavior of the output reference signal OC2REF from which OC2 derives.
OC2REF is active high whereas OC2''s active level depends on the TIM_CC2P bit.
000: Frozen - The comparison between the output compare register TIMx_CCR2 and the
counter TIMx_CNT has no effect on the outputs.
001: Set OC2REF to active on match. The OC2REF signal is forced high when the counter
TIMx_CNT matches the capture/compare register 2 (TIMx_CCR2)
010: Set OC2REF to inactive on match. OC2REF signal is forced low when the counter
TIMx_CNT matches the capture/compare register 2 (TIMx_CCR2).
011: Toggle - OC2REF toggles when TIMx_CNT = TIMx_CCR2.
100: Force OC2REF inactive.
101: Force OC2REF active.
110: PWM mode 1 - In up-counting, OC2REF is active as long as TIMx_CNT < TIMx_CCR2,
otherwise OC2REF is inactive. In down-counting, OC2REF is inactive if
TIMx_CNT > TIMx_CCR2, otherwise OC2REF is active.
111: PWM mode 2 - In up-counting, OC2REF is inactive if TIMx_CNT < TIMx_CCR2,
otherwise OC2REF is active. In down-counting, OC2REF is active if TIMx_CNT > TIMx_CCR2,
otherwise it is inactive.
Note: In PWM mode 1 or 2, the OC2REF level changes only when the result of the
comparison changes or when the output compare mode switches from “frozen” mode to
“PWM” mode.
TIM_OC2BE
[11]
RW
Output Compare 2 Buffer Enable. (Applies only if TIM_CC2S = 0.)
0: Buffer register for TIMx_CCR2 is disabled. TIMx_CCR2 can be written at anytime, the
new value is used by the shadow register immediately.
1: Buffer register for TIMx_CCR2 is enabled. Read/write operations access the buffer
register. TIMx_CCR2 buffer value is loaded in the shadow register at each UEV.
Note: The PWM mode can be used without enabling the buffer register only in one pulse
mode (TIM_OPM bit set in the TIMx_CR2 register), otherwise the behavior is undefined.
9-37
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com