Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 203 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 203 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 199Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 200Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 201Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 202Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 203Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 204Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 205Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 206Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 207Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 240 page
background image
EM351 / EM357
Figure 11-1. Peripheral Interrupts Block Diagram
Q
latch
S
R
read
Q
latch
S
R
write 1
read
AND
write 1
Q
latch
S
R
write 1
write 1
interrupts into NVIC/CPU
INT_PENDSET
INT_PENDCLR
INT_CFGSET
INT_CFGCLR
INT_MISS
source interrupt events
Q
latch
S
R
write 1
read
AND
OR
INT_periphCFG
INT_periphFLAG
read
OR
write 1
peripheral interrupt instance
interrupts from all peripherals
AND
OR
Given a peripheral, ‘periph’, the Event Manager registers (INT_periphCFG and INT_periphFLAG) follow the
form:
INT_periphCFG enables and disables second-level interrupts. Writing 1 to a bit in the INT_periphCFG
register enables the second-level interrupt. Writing 0 to a bit in the INT_periphCFG register disables it.
The INT_periphCFG register behaves like a mask, and is responsible for allowing the INT_periphFLAG bits
to propagate into the top-level NVIC interrupts.
INT_periphFLAG indicates second-level interrupts that have occurred. Writing 1 to a bit in a
INT_periphFLAG register clears the second-level interrupt. Writing 0 to any bit in the INT_periphFLAG
register is ineffective. The INT_periphFLAG register is always active and may be set or cleared at any time,
meaning if any second-level interrupt occurs, then the corresponding bit in the INT_periphFLAG register is
set regardless of the state of INT_periphCFG.
If a bit in the INT_periphCFG register is set after the corresponding bit in the INT_periphFLAG register is set
then the second-level interrupt propagates into the top-level interrupts. The interrupt flags (signals) from the
second-level interrupts into the top-level interrupts are level-sensitive. If a top-level NVIC interrupt is driven
by a second-level EM interrupt, then the top-level NVIC interrupt cannot be cleared until all second-level EM
interrupts are cleared.
The INT_periphFLAG register bits are designed to remain set if the second-level interrupt event re-occurs at
the same moment as the INT_periphFLAG register bit is being cleared. This ensures the re-occurring second-
level interrupt event is not missed.
If another enabled second-level interrupt event of the same type occurs before the first interrupt event is
cleared, the second interrupt event is lost because no counting or queuing is used. However, this condition is
detected and stored in the top-level INT_MISS register to facilitate software detection of such problems. The
INT_MISS register is “acknowledged” in the same way as the INT_periphFLAG register—by writing a 1 into the
corresponding bit to be cleared.
Table 11-2 provides a map of all peripheral interrupts. This map lists the top-level NVIC Interrupt bits and, if
there is one, the corresponding second-level EM Interrupt register bits that feed the top-level interrupts.
11-4
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com