Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTB Datasheet(PDF) 205 Page - List of Unclassifed Manufacturers

Part # EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Datasheet(HTML) 205 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 201Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 202Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 203Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 204Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 205Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 206Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 207Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 208Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 209Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 240 page
background image
EM351 / EM357
11.3
Non-maskable Interrupt (NMI)
The non-maskable interrupt (NMI) is a special case. Despite being one of the 10 standard ARM® CortexTM-M3
NVIC interrupts, it is sourced from the Event Manager like a peripheral interrupt. The NMI has two second-
level sources; failure of the 24 MHz crystal and watchdog low water mark.
1. Failure of the 24MHz crystal: If the EM35x’s main clock, SYSCLK, is operating from the 24 MHz crystal and
the crystal fails, the EM35x detects the failure and automatically switches to the internal 12 MHz RC clock.
When this failure detection and switch has occurred, the EM35x triggers the CLK24M_FAIL second-level
interrupt, which then triggers the NMI.
2. Watchdog low water mark: If the EM35x’s watchdog is active and the watchdog counter has not been
reset for nominally 1.792 seconds, the watchdog triggers the WATCHDOG_INT second-level interrupt,
which then triggers the NMI.
11.4
Faults
Four of the exceptions in the NVIC are faults: Hard Fault, Memory Fault, Bus Fault, and Usage Fault. Of these,
three (Hard Fault, Memory Fault, and Usage Fault) are standard ARM® CortexTM-M3 exceptions.
The Bus Fault, though, is derived from EM35x-specific sources. The Bus Fault sources are recorded in the
SCS_AFSR register. Note that it is possible for one access to set multiple SCS_AFSR bits. Also note that MPU
configurations could prevent most of these bus fault accesses from occurring, with the advantage that illegal
writes are made precise faults. The four bus faults are:
WRONGSIZE – Generated by an 8-bit or 16-bit read or write of an APB peripheral register. This fault can
also result from an unaligned 32-bit access.
PROTECTED – Generated by a user mode (unprivileged) write to a system APB or AHB peripheral or
protected RAM (see Chapter 5, Section 5.2.2.3).
RESERVED – Generated by a read or write to an address within an APB peripheral’s 4 kB block range, but
the address is above the last physical register in that block range. Also generated by a read or write to an
address above the top of RAM or flash.
MISSED – Generated by a second SCS_AFSR fault. In practice, this bit is not seen since a second fault also
generates a hard fault, and the hard fault preempts the bus fault.
11-6
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com