Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 26Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 27Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 28Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 29Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 30Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 31Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 32Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 33Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
DRDY
START Pin
Pulse Convert
Command
Converting
Converting
Idle
Data Ready, Index to Next Channel
or
DRDY
STARTPin
t
SDSU
t
DRHD
SYMBOL
DESCRIPTION
MIN
UNIT
t
SDSU
8
tCLK
8
tCLK
t
DRHD
STARTto
SetupTime
DRDY
toHaltFurtherConversions
DRDY toSTARTHoldTime
toCompleteCurrentConversion
DRDY
START Pin
Data Ready, Index to Next Channel
Idle
Idle Mode
Converting
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
Pulse Convert Command
CONVERSION CONTROL
Figure 55 also shows the start of conversions with the
The conversions of the ADS1258 are controlled by
rising edge of the START pin. If the START pin is
the START pin. Conversions begin when the START
taken high, and then low prior to completion of the
pin is taken high and conversions are stopped when
conversion cycle (8
τCLK before DRDY asserts low),
the
START
pin
is
taken
low.
For
continuous
only the current channel is converted and the device
conversions, tie the START pin high. The START pin
enters the standby or sleep modes waiting for a new
can also be tied low and the conversions controlled
start condition. Figure 56 shows the START pin to
by the PULSE convert command. The PULSE
DRDY timing. The same function of conversion
convert command converts one channel (only) for
control is possible using the Pulse Convert command
each
command
sent.
In
this
way,
channel
(with the START pin low). In this operation, the data
conversions can be stepped without the need to
from one channel is converted with each Pulse
toggle the START pin.
Convert command. The Pulse convert command
takes effect when the command byte is completely
START Pin
shifted in (eighth falling edge of SCLK). After
As shown in Figure 54, when the START pin is taken
conversion, if more than one channel is enabled
high, conversions start beginning with the current
(Auto-Scan mode), the converter indexes to the next
channel. The device continues to convert all of the
selected channel after completing the conversion.
programmed channels, in a continuous loop, until the
START pin is taken low. When this occurs, the
conversion in process completes, and the device
enters the standby or sleep mode waiting for a new
start
condition.
When
DRDY
asserts
low,
the
conversion data is ready. Figure 56 shows the
START pin to DRDY timing. The order in which
channel data is converted is described in Table 10.
When the last selected channel in the program list
has
been
converted,
the
device
continues
conversions starting with the highest priority channel.
If there is only one channel selected in the Auto-Scan
mode, the converter remains fixed on one channel. A
Figure 55. Pulse Conversion, Auto-Scan Mode
write operation to any of the multiplexer channel
select registers sets the channel pointer to the
highest
priority
channel
(see
Table
11).
In
Fixed-Channel mode, the channel pointer remains
fixed.
Figure 56. START Pin and DRDY Timing
Figure 54. Conversion Control, Auto-Scan Mode
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com