Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 40Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 41Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 42Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 43Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 44Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 45Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 46Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 47Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Input
AINx
AVDD
BAT54SWTI
AVSS
10k
Ω
typ.
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
HARDWARE CONSIDERATIONS
The following summarizes the design and layout
considerations when using the ADS1258:
a. Power Supplies: The converter accepts a single
+5V supply (AVDD = 5 V and AVSS = AGND) or
dual, bipolar supplies (typically AVDD = 2.5 V,
AVSS
=
–2.5
V).
Dual
supply
operation
accommodates true bipolar input signals, within a
±2.5-V range. Note that the maximum negative
input voltage to the multiplexer is limited to AVSS
– 100 mV, and the maximum positive input
voltage is limited to AVDD + 100 mV. The range
Figure 63. Input Overload Protection
for the digital power supply (DVDD) is 2.7 V to
d. ADC Inputs: The external multiplexer loop of the
5.25 V. For all supplies, use a 10-
μF tantalum
ADS1258 allows for the inclusion of signal
capacitor,
bypassed
with
a
0.1-
μF
ceramic
conditioning between the output of the multiplexer
capacitor, placed close to the device pins.
and the input of the ADC. Typically, an amplifier
Alternatively, a single 10-
μF ceramic capacitor
is used to provide gain, buffering, and/or filtering
can be used. The supplies should be relatively
to the input signal. For best performance, the
free from noise and should not be shared with
ADC inputs should be driven differentially. A
devices that produce voltage spikes (such as
differential
in/differential
out
or
a
relays, LED display drivers, etc.). If a switching
single-ended-to-differential
driver
is
recom-
power supply is used, the voltage ripple should
mended. If the driver uses higher supply voltages
be low (< 2 mV). The analog and digital power
than the device itself (for example, ±15V),
supplies may be sequenced in any order.
attention
should
be
paid
to
power-supply
b. Analog (Multiplexer) Inputs: The 16-channel
sequencing
and
potential
over-voltage
fault
analog input multiplexer can accommodate 16
conditions. Protection resistors and/or external
single-ended inputs, eight differential input pairs,
clamp diodes may be used to protect the ADC
or combinations of either. These options permit
inputs. A 1-nF or higher capacitor should be used
freedom in choosing the input channels. The
directly across the ADC inputs.
channels do not have to be used consecutively.
e. Reference Inputs: It is recommended to use a
Unassigned channels are skipped by the device.
10-
μF tantalum with a 0.1-μF ceramic capacitor
In the Fixed-Channel mode, any of the analog
directly across the reference pins, VREFP and
inputs (AIN0 to AIN15) can be addressed for the
VREFN. The reference inputs should be driven
positive input and for the negative input. The
by
a
low-impedance
source.
For
rated
full-scale range of the device is 2.13 VREF, but the
performance, the reference should have less than
absolute analog input voltage is limited to 100 mV
3
μVRMS broadband noise. For references with
beyond the analog supply rails. Input signals
higher noise, external filtering may be necessary.
exceeding the analog supply rails (for example,
Note that when exiting the sleep mode, the
±10 V) must be divided prior to the multiplexer
device begins to draw a small current through the
inputs.
reference pins. Under this condition, the transient
c. Input Overload Protection: Overdriving the
response of the reference driver should be fast
multiplexer inputs may affect the conversions of
enough to settle completely before the first
other channels. In the case of input overload,
reading is taken, or simply discard the first
external
Schottky
diode
clamps
and
series
several readings.
resistor are recommended, as shown in Figure
61.
44
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com