Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 17Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 18Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 19Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 20Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 21Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 22Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 23Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 24Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
f
CLK
128(411b*DR ) 4.265625 ) TD)
2CHOP
f
CLK
128(411b*DR ) CHOP(4.265625 ) TD))
2CHOP
Analog
Modulator
sinc5
Filter
Programmable
Averager
Data Rate = f
CLK/128
Modulator Rate = f
CLK/2
Num_Ave
Data Rate(1) = f
CLK/(128 × Num_Ave)
NOTE: (1) Data rate for Fixed−Channel Mode, Chop = 0, Delay = 0.
ADS1258-EP
www.ti.com
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
ADC
rate—filter more for higher resolution, filter less for
higher data rate. The filter is comprised of two
The ADC block of the ADS1258 is composed of two
sections, a fixed filter followed by a programmable
blocks: a modulator and a digital filter.
filter. Figure 42 shows the block diagram of the filter.
Data is supplied to the filter from the analog
Modulator
modulator at a rate of fCLK/2. The fixed filter is a
fifth-order sinc filter with a decimation value of 64 that
The modulator converts the analog input voltage into
outputs data at a rate of fCLK/128. The second stage
a Pulse Code Modulated (PCM) data stream. When
of the filter is a programmable averager (first-order
the level of differential analog input (ADCINP –
sinc filter) with the number of averages set by the
ADCINN) is near the level of the reference voltage,
DRATE[1:0] bits.
the '1' density of the PCM data stream is at its
highest. When the level of the differential analog input
The data rate depends upon the system clock
is near zero, the PCM '0' and '1' densities are nearly
frequency (fCLK) and the converter configuration. The
equal.
The
fourth-order
modulator
shifts
the
data rate can be computed by Equation 2 or
quantization noise to a high frequency (out of the
Equation 3:
passband) where the digital filter can easily remove it.
Data Rate (Auto-Scan):
The modulator continuously chops the input, resulting
in excellent offset and offset drift performance. It is
important to note that offset or offset drift originating
(2)
from the external circuitry is not removed by the
Data Rate (Fixed-Channel Mode):
modulator chopping. These errors can be effectively
removed by using the external chopping feature of
the ADS1258 (see the External Chopping section).
(3)
Where:
Digital Filter
DR = DRATE[1:0] register bits (binary).
The programmable low-pass digital filter receives the
CHOP = Chop register bit.
modulator output and produces a high-resolution
TD = time delay value given in Table 5 from the
digital output. By adjusting the amount of filtering,
DLY[2:0] register bits (128/fCLK periods).
tradeoffs can be made between resolution and data
Figure 42. Block Diagram of Digital Filter
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com