Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 4 Page - Texas Instruments

  ADS1258IPHPREP Datasheet HTML 1Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 2Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 3Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 4Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 5Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 6Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 7Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 8Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –55°C to 125°C, AVDD = 2.5 V, AVSS = –2.5 V, DVDD = 3.3 V, fCLK = 16 MHz (external clock) or
fCLK = 15.729 MHz (internal clock), OPA227 buffer between MUX outputs and ADC inputs, VREF = 4.096 V, and VREFN =
–2.5 V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIH
0.7 DVDD
DVDD
V
VIL
DGND
0.3 DVDD
V
Logic Levels
VOH
IOH = 2 mA
0.8 DVDD
DVDD
V
VOL
IOL = 2 mA
DGND
0.2 DVDD
V
Input Leakage
VIN = DVDD, GND
10
μA
Frequency
0.1
16
MHz
Master Clock Input (CLKIO)
Duty Cycle
40
60
%
Crystal Frequency
32.768
kHz
Clock Output Frequency
15.729
MHz
Crystal Oscillator
(see the Crystal Oscillator
Start-Up Time (Clock Output
150
mS
section)
Valid)
Clock Output Duty Cycle
40
60
%
Power Supply
DVDD
2.7
5.25
V
AVSS
–2.6
0
V
AVDD
AVSS + 4.75
AVSS + 5.25
V
External
TA = –40°C to 105°C
0.25
0.6
Clock
mA
TA = –55°C to 125°C
0.25
0.75
Operation
Internal Oscillator Operation,
0.04
mA
DVDD Supply Current
Clock Output Disabled
Internal Oscillator Operation,
1.4
mA
Clock Output Enabled(4)
Power-Down(5)
1
25
µA
Converting
8.2
12
mA
Standby
5.6
mA
AVDD, AVSS Supply Current
Sleep
2.1
mA
Power-Down
2
85
µA
Converting
42
62
mW
Standby
29
mW
Power Dissipation
Sleep
11
mW
Power-Down
14
μW
(4)
CLKIO load = 20 pF.
(5)
No clock applied to CLKIO.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com