Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 20Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 21Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 22Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 23Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 24Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 25Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 26Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 27Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
Table 4. Noise Performance(1)
DATA RATE
EFFECTIVE
DATA RATE
FIXED-CHANNEL
INPUT-REFERRED
NOISE-FREE
NUMBER
AUTO-SCAN MODE
MODE
NOISE
RESOLUTION
OF BITS
DRATE[1:0]
(SPS)
(SPS)
(µVRMS)
(Bits)
(ENOB)
11
23739
125000
12
16.8
19.5
10
15123
31250
7.9
17.4
20.1
01
6168
7813
4.5
18.2
20.9
00
1831
1953
2.8
18.9
21.6
(1)
VREF = 4.096V, fCLK = 16MHz, Chop = 0, Delay = 0, Inputs shorted, and 2048 sample size.
Table 5. Effective Data Rates with Switch-Time Delay (Auto-Scan Mode)(1)
TIME DELAY
TIME DELAY
DLY[2:0]
(128/fCLK periods)
(
μS)
DRATE[1:0] = 11
DRATE[1:0] = 10
DRATE[1:0] = 01
DRATE[1:0] = 00
000
0
0
23739
15123
6168
1831
001
1
8
19950
13491
5878
1805
010
2
16
17204
12177
5614
1779
011
4
32
13491
10191
5151
1730
100
8
64
9423
7685
4422
1639
101
16
128
5878
5151
3447
1483
110
32
256
3354
3104
2392
1247
111
48
384
2347
2222
1831
1075
(1)
Time delay and data rates scale with fCLK. If Chop = 1, the data rates are half those shown. fCLK = 16MHz, Auto-Scan Mode.
Use of the switch time delay register reduces the
EXTERNAL MULTIPLEXER LOOP
effective channel data rate. Table 5 shows the actual
data rates derived from Equation 2, when using the
The
external
multiplexer
loop
consists
of
two
switch time delay feature.
differential multiplexer output pins and two differential
ADC
input
pins.
The
user
may
use
external
When pulse converting, where one channel is
components
(buffering/filtering,
single-ended
to
converted with each START pin pulse or each pulse
differential
conversion,
etc.),
forming
a
signal
command, the application software may provide the
conditioning loop. For best performance, the ADC
required time delay between pulses. However, with
input should be buffered and driven differentially.
Chop = 1, the switch time delay feature may still be
necessary to allow for settling.
To bypass the external multiplexer loop, connect the
ADC input pins directly to the multiplexer output pins,
In estimating the time delay that may be required,
or select internal bypass connection (BYPASS = 0 of
Table 6 lists the time delay-to-time constant ratio (t/
τ)
CONFIG0). Note that the multiplexer output pins are
and the corresponding final settled data in % and
active regardless of the bypass setting.
number of bits.
SWITCH TIME DELAY
Table 6. Settling Time
When using the ADS1258 in the Auto-Scan mode,
FINAL SETTLING
FINAL SETTLING
where the converter automatically switches from one
t/
τ(1)
(%)
(Bits)
channel to the next, the settling time of the external
1
63
2
signal conditioning circuit becomes important. If the
3
95
5
channel does not fully settle after the multiplexer
5
99.3
7
channel is switched, the data may not be correct. The
7
99.9
10
ADS1258 provides a switch time delay feature which
automatically provides a delay after channel switching
10
99.995
14
to allow the channel to settle before taking a reading.
15
99.9999
20
The amount of time delay required depends primarily
17
99.999994
24
on the settling time of the external signal conditioning.
Additional consideration may be needed to account
for the settling of the input source arising from the
transient generated from channel switching.
(1)
Multiple time constants can be approximated by:
(
τ1
2 + τ
2
2+…).
24
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com