Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 18Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 19Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 20Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 21Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 22Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 23Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 24Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 25Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
H f
+ Hsinc
5
f
H
Averager f
+
sin
128p
f
f
CLK
64
sin
2p
f
f
CLK
5
sin
128p
Num_Ave
f
f
CLK
Num_Ave
sin
128p
f
f
CLK
0
−20
−40
−60
−80
−100
−120
−140
Frequency (kHz)
125
250
0
375
500
625
Data Rate
Auto−Scan Mode
(23.739kSPS)
Data Rate
Fixed−Channel Mode
(125kSPS)
0
−20
−40
−60
−80
−100
−120
−140
Frequency (kHz)
125
250
0
375
500
625
Data Rate
Auto−Scan Mode
(15.123kSPS)
Data Rate
Fixed−Channel Mode
(31.25kSPS)
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
Table 3 shows a listing of the averaging and data
Figure 44 shows the response with averaging set to 4
rates for each of the four DRATE[1:0] register
(DRATE[1:0]
=
10).
4-reading,
post-averaging
settings for the Auto-Scan and Fixed-Channel modes,
produces three equally-spaced notches between
with CHOP, DLY = 0. Note that the data rate scales
each main notch of the sinc5 filter. The frequency
directly with fCLK. For example, reducing fCLK by 2x
response of DRATE[1:0] = 01 and 00 follows a similar
reduces the maximum data rate by 2x.
pattern, but with 15 and 63 equally-spaced notches
between the main sinc5 notches, respectively.
FREQUENCY RESPONSE
The low-pass digital filter sets the overall frequency
response for the ADS1258. The filter response is the
product
of
the
responses
of
the
fixed
and
programmable
filter
sections
and
is
given
by
Equation 4:
(4)
The digital filter attenuates noise on the modulator
output including noise from within the ADS1258 and
external noise present within the ADS1258 input
signal. Adjusting the filtering by changing the number
Figure 43. Frequency Response, DRATE[1:0] = 11
of averages used in the programmable filter changes
the filter bandwidth. With a higher number of
averages, the bandwidth is reduced and more noise
is attenuated.
The low-pass filter has notches (or zeros) at the data
output rate and multiples thereof. The sinc5 part of
the filter produces wide notches at fCLK/128 and
multiples thereof. At these frequencies, the filter has
zero gain. Figure 43 shows the response with no post
averaging. Note that in Auto-Scan mode, the data
rate is reduced while retaining the same frequency
response as in Fixed-Channel mode.
With programmable averaging, the wide notches
produced by the sinc5 filter remain, but a number of
narrow notches are superimposed in the response.
The
number
of
the
superimposed
notches
is
determined
by
the
number
of
readings
averaged (minus one).
Figure 44. Frequency Response, DRATE[1:0] = 10
Table 3. Data Rates(1)
DATA RATE AUTO-SCAN
DATA RATE FIXED-CHANNEL
–3dB BANDWIDTH
DRATE[1:0]
Num_Ave(2)
MODE (SPS)(3)
MODE (SPS)
(Hz)
11
1
23739
125000
25390
10
4
15123
31250
12402
01
16
6168
7813
3418
00
64
1831
1953
869
(1)
fCLK = 16 MHz, Chop = 0, and Delay = 0.
(2)
Num_Ave is the number of averages performed by the digital filter second stage.
(3)
In Auto-Scan mode, the data rate listed is for a single channel; the effective data rate for multiple channels (on a per-channel basis) is
the value shown in Figure 43 and Figure 44 divided by the number of active channels in a scan loop.
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com