Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 13Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 14Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 15Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 16Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 17Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 18Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 19Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 20Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
ESD
Diodes
ESD
Diodes
3pF
R
eff = 40kΩ
(f
CLK = 16MHz)
AVDD
AVSS
VREFP
VREFN
AVSS * 100mV t VREFP or VREFN t AVDD ) 100mV
ADS1258-EP
www.ti.com
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
MULTIPLEXER INPUTS
A simplified diagram of the input multiplexer is
illustrated in Figure 36. The multiplexer connects one
of 16 single-ended external inputs, one of eight
differential external inputs, or one of the on-chip
internal variables to the ADC inputs. The output of the
channel multiplexer can be routed to external pins
and then to the input of the ADC. This flexibility
allows for use of external signal conditioning. See the
External Multiplexer Loop section.
ESD diodes protect the analog inputs. To keep these
diodes from turning on, make sure the voltages on
the input pins do not go below AVSS by more than
100 mV, and likewise do not exceed AVDD by more
than 100 mV:
AVSS – 100mV < (Analog Inputs) < AVDD + 100 mV.
Overdriving the multiplexer inputs may affect the
conversions
of
other
channels.
See
the
Input
Overload Protection description in the Hardware
Figure 35. Simplified Reference Input Circuit
Considerations segment of the Applications section.
ESD diodes protect the reference inputs. To keep
The converter supports two modes of channel access
these diodes from turning on, make sure the voltages
through the multiplexer: the Auto-Scan mode and the
on the reference pins do not go below AVSS by more
Fixed-Channel mode. These modes are selected by
than 100mV, and likewise do not exceed AVDD by
the
MUXMOD
bit
of
register
CONFIG0.
The
100mV, as described in Equation 1:
Auto-Scan
mode
scans
through
the
selected
channels
automatically,
with
break-before-make
(1)
switching. The Fixed-Channel mode requires the user
A high-quality reference voltage is essential for
to
set
the
channel
address
for
each
channel
achieving the best performance from the ADS1258.
measured.
Noise and drift on the reference degrade overall
system performance. It is especially critical that
VOLTAGE REFERENCE INPUTS
special care be given to the circuitry that generates
(VREFP, VREFN)
the reference voltages and the layout when operating
The voltage reference for the ADS1258 ADC is the
in the low-noise settings (that is, with low data rates)
differential voltage between VREFP and VREFN:
to
prevent
the
voltage
reference
from
limiting
VREF = VREFP – VREFN. The reference inputs use a
performance. See the Reference Inputs description in
structure similar to that of the analog inputs with the
the
Hardware
Considerations
segment
of
the
circuitry on the reference inputs shown in Figure 35.
Applications section.
The load presented by the switched capacitor can be
modeled with an effective resistance (Reff) of 40 kΩ
for fCLK = 16 MHz. Note that the effective impedance
of the reference inputs loads an external reference
with a non-zero source impedance.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com