Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 3Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 4Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 5Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 6Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 7Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 8Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 9Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 10Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
SCLK
CS
(1)
DIN
DOUT
t
SCLK
t
CSSC
t
SPW
t
DIST
t
DIHD
t
SPW
t
CSDO
Hi-Z
Hi-Z
t
CSPW
t
DOPD
t
DOHD
NOTE:(1)
canbetiedlow.
CS
DRDY
DOUT
t
DRDY
t
DDO
ADS1258-EP
www.ti.com
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
PARAMETER MEASUREMENT INFORMATION
Figure 1. Serial Interface Timing
SERIAL INTERFACE TIMING CHARACTERISTICS
At TA= –40°C to +105°C
(1) and DVDD = 2.7 V to 5.25 V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
tSCLK
SCLK Period
2
τCLK
(2)
tSPW
SCLK High or Low Pulse Width (exceeding max resets SPI interface)
0.8
4096(3)
τCLK
tCSSC
CS Low to First SCLK: Setup Time(4)
2.5
τCLK
tDIST
Valid DIN to SCLK Rising Edge: Setup Time
10
ns
tDIHD
Valid DIN to SCLK Rising Edge: Hold Time
5
ns
tDOPD
SCLK Falling Edge to Valid New DOUT: Propagation Delay(5)
20
ns
tDOHD
SCLK Falling Edge to Old DOUT Invalid: Hold Time
0
ns
tCSDO
CS High to DOUT Invalid (tri-state)
5
τCLK
tCSPW
CS Pulse Width High
2
τCLK
(1)
Ensured by characterization only.
(2)
τCLK = master clock period = 1/fCLK.
(3)
Programmable to 256
τCLK.
(4)
CS can be tied low.
(5)
DOUT load = 20 pF || 100k
Ω to DGND.
Figure 2. DRDY Update Timing
DRDY UPDATE TIMING CHARACTERISTICS
SYMBOL
DESCRIPTION
TYP
UNITS
t DRDY
DRDY High Pulse Width Without Data Read
1
τCLK
tDDO
Valid DOUT to DRDY Falling Edge (CS = 0)
0.5
τCLK
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com