Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 23Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 24Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 25Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 26Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 27Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 28Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 29Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 30Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
CLKIO
Device Ready
t
WAKE
3.2V, typical
CLKSEL
or
AVDD
− AVSS(1)
or
PWDN
NOTE: (1) Shown with DVDD stable.
CLKIO
Device Ready
t
WAKE
3.2V, typical
or
AVDD
− AVSS(1)
PWDN,
CLKSEL
NOTE: (1) Shown with DVDD stable.
ADS1258-EP
www.ti.com
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
Table 7. Wake-Up Times
POWER-UP TIMING
tWAKE
When powering up the device or taking the PWDN
INTERNAL
tWAKE
pin high to wake the device, a wake-up time is
CONDITION
OSCILLATOR(1)
EXTERNAL CLOCK
required before readings can be taken. When using
PWDN or CLKSEL
tOSC
2/fCLK
the internal oscillator, the wake-up time is composed
AVDD – AVSS
tOSC + 2
18/f
CLK
218/fCLK
of the oscillator start-up time and the PLL lock time,
and if the supplies are also being powered, there is a
reset interval time of 218 fCLK cycles. Note that CLKIO
POWER-UP SEQUENCE
is not valid during the wake-up period, as shown in
The analog and digital supplies should be applied
Figure 51.
before any analog or digital input is driven. The power
supplies may be sequenced in any order. The internal
master reset signal is generated from the analog
power supply (AVDD – AVSS), when the level
reaches approximately 3.2 V. The power-up master
reset signal is functionally the same as the Reset
Command and the RESET input pin.
Reset Input (RESET)
When RESET is held low for at least two fCLK cycles,
all registers are reset to their default values and the
digital filter is cleared. When RESET is released high,
the device is ready to convert data.
Clock Select Input (CLKSEL)
This pin selects the source of the system clock: the
crystal oscillator or an external clock. Tie CLKSEL
Figure 51. Device Wake Time with
low to select the crystal oscillator. When using an
Internal Oscillator
external clock (applied to the CLKIO pin), tie CLKSEL
high.
When using the device with an external clock, the
wake-up time is 2/fCLK periods when waking up with
Clock Input/Output (CLKIO)
the PWDN pin and 218/fCLK periods when powering
This pin serves either as a clock output or clock input,
the supplies, all after a valid CLKIO is applied, as
depending on the state of the CLKSEL pin. When
shown in Figure 52.
using an external clock, apply the clock to this pin
and set the CLKSEL pin high. When using the
internal oscillator, this pin has the option of providing
a clock output. The CLKENB bit of register CONFIG0
enables the clock output (default is enabled).
Start Input (START)
The START pin is an input that controls the ADC
process. When the START pin is taken high, the
converter
starts
converting
the
selected
input
channels. When the START pin is taken low, the
conversion in progress runs to completion and the
converter is stopped. The device then enters one of
the two idle modes (see the Idle Modes section for
more details). See the Conversion Control section for
details of using the START pin.
Figure 52. Device Wake Time with External Clock
Table 7 summarizes the wake-up times using the
internal oscillator and the external clock operations.
(1)
Wake-up times for the internal oscillator operation are typical
and may vary depending on crystal characteristics and layout
capacitance. The user should verify the oscillator start-up
times (tOSC = oscillator start-up time).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com