Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 9Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 10Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 11Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 12Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 13Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 14Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 15Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 16Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Temperature (
_C)
30
20
10
0
−10
−40
−20
100
0
20
80
60
40
Gain Drift (ppm/
_C)
80
60
40
20
0
50 units from two production lots.
Based on 20
_C intervals over the
range of
−40_C to +105_C.
V
REF (V)
20
15
10
5
0
−5
−10
−15
−20
0.5
1.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Time After Power−On (s)
10
8
6
4
2
0
−2
−4
−6
−8
−10
0
10
60
20
30
40
50
Free−Air
V
REF (V)
10
8
6
4
2
0
0.5
1.0
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN (V)
−5
−4
10
8
6
4
2
0
−2
−4
−6
−8
−10
5
−3
−2
−1
0
1
2
3
4
V
REF = 5V
T
A = − 40_ C, −10_ C, +25_ C, +55_ C, +85_ C, +105_ C
ADS1258-EP
www.ti.com
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = +3.3V, fCLK = 16MHz (external clock) or fCLK = 15.729MHz (internal
clock), OPA227 buffer between MUX outputs and ADC inputs, VREFP = +2.048V, and VREFN = –2.048V, unless otherwise
noted.
GAIN DRIFT HISTOGRAM
GAIN ERROR vs TEMPERATURE
Figure 20.
Figure 21.
GAIN ERROR vs VREF
GAIN ERROR POWER-ON WARMUP
Figure 22.
Figure 23.
INTEGRAL NONLINEARITY vs VREF
INTEGRAL NONLINEARITY vs INPUT LEVEL
Figure 24.
Figure 25.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com