Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 16Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 17Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 18Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 19Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 20Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 21Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 22Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 23Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
50
Ω
32.768kHz(1)
4.7pF
4.7pF
22nF
CLKSEL XTAL1
XTAL2
PLLCAP
AVSS
CLKIO
Clock Output
(15.729MHz)
0V to
−2.5V
NOTE: (1) Parallel resonant type, C
L = 12.5pF, ESR = 35kΩ (max).
Place the crystal and load capacitors as close as possible to the device pins.
Oscillator
andPLL
MUX
CLKENB
Bit
InternalMasterClock(f
)
CLK
CLKSEL
CLKIO
XTAL1
XTAL2
PLL
50
Ω
CLKSEL
XTAL1
XTAL2
PLLCAP
DVDD
CLKIO
Clock Input
(16MHz)
2.7V
to 5V
No Connection
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
MASTER CLOCK (fCLK)
The ADS1258 oversamples the analog input at a high
rate. This requires a high-frequency master clock to
be supplied to the converter. As shown in Figure 39,
the clock comes from either an internal oscillator (with
external crystal), or an external clock source.
Figure 40. Crystal Oscillator Connection
Table 1. System Clock Source
CLKSEL
CLKENB
PIN
CLOCK SOURCE
BIT
CLKIO FUNCTION
32.768 kHz
Disabled
0
0
Crystal Oscillator
(internally grounded)
Figure 39. Clock Generation Block Diagram
32.768 kHz
0
1
Output (15.729 MHz)
Crystal Oscillator
The CLKSEL pin determines the source of the
1
External Clock Input
X
Input (16 MHz)
system clock, as shown in Table 1. The CLKIO pin
functions as an input or as an output. When the
Table 2. Approved Crystal Vendors
CLKSEL pin is set to '1', CLKIO is configured as an
input to receive the master clock. When the CLKSEL
VENDOR
CRYSTAL PRODUCT
pin is set to '0', the crystal oscillator generates the
Epson
C-001R
clock. The CLKIO pin can then be configured to
output the master clock. When the clock output is not
External Clock Input
needed, it can be disabled to reduce device power
consumption.
When using an external clock to operate the device,
apply the master clock to the CLKIO pin. For this
Crystal Oscillator
mode, the CLKSEL pin is tied high. CLKIO then
becomes an input, as shown in Figure 41.
An on-chip oscillator and Phase-Locked Loop (PLL)
together with an external crystal can be used to
generate the system clock. For this mode, tie the
CLKSEL pin low. A 22nF PLL filter capacitor,
connected from the PLLCAP pin to the AVSS pin, is
required. The internal clock of the PLL can be output
to the CLKIO to drive other converters or controllers.
If not used, disable the clock output to reduce device
power consumption; see Table 1 for settings. The
clock output is enabled by a register bit setting
(default is ON). Figure 40 shows the oscillator
connections. Place these components as close to the
Figure 41. External Clock Connection
pins as possible to avoid interference and coupling.
Do not connect XTAL1 or XTAL2 to any other logic.
The oscillator start-up time may vary, depending on
Make sure to use a clock source clean from jitter or
the crystal and ambient temperature. The user should
interference. Ringing or under/overshoot should be
verify the oscillator start-up time.
avoided. A 50
Ω resistor in series with the CLKIO pin
(placed close to the source) can often help.
20
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com