Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1258IPHPREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 8Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 9Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 10Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 11Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 12Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 13Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 14Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 15Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Temperature (
_C)
20
0
−20
−40
−60
−40
−20
100
0
20
80
60
40
CHOP = 1
CHOP = 1, No Buffer
CHOP = 0, No Buffer
50 units from two production lots.
V
REF (V)
0.5
1.0
10
8
6
4
2
0
−2
−4
−6
−8
−10
5.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time After Power−On (s)
10
8
6
4
2
0
−2
−4
−6
−8
−10
0
10
60
20
30
40
50
Free−Air
Absolute Gain Error (ppm)
80
60
40
20
0
320 units from one production lot.
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = +3.3V, fCLK = 16MHz (external clock) or fCLK = 15.729MHz (internal
clock), OPA227 buffer between MUX outputs and ADC inputs, VREFP = +2.048V, and VREFN = –2.048V, unless otherwise
noted.
OFFSET vs TEMPERATURE
OFFSET vs VREF
Figure 16.
Figure 17.
OFFSET POWER-ON WARMUP
GAIN ERROR HISTOGRAM
Figure 18.
Figure 19.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com