Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADT7483A
Rev. 1 | Page 6 of 24 | www.onsemi.com
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD
D1+
D1–
GND
ALERT/THERM2
THERM
1
2
3
4
5
6
7
8
NC = NO CONNECT
16
15
14
13
12
11
10
9
NC
ADD1
SCLK
SDATA
NC
NC
NC
D2–
D2+
ADD0
TOP VIEW
(Not to Scale)
ADT7483A
Figure 3.16-Lead QSOP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
ADD1
Address 1 Pin. Tri-state input to set the SMBus address.
2
VDD
Positive Supply, 3 V to 3.6 V.
3
D1+
Positive Connection. Connects to the first remote temperature sensor.
4
D1−
Negative Connection. Connects to the first remote temperature sensor.
5
THERM
Open-Drain Output. Turns a fan on/off, or throttles a CPU clock in the event of an overtemperature
condition.
6
GND
Supply Ground Connection.
7
NC
No Connect.
8
NC
No Connect.
9
NC
No Connect.
10
NC
No Connect.
11
D2−
Negative Connection. Connects to the second remote temperature sensor.
12
D2+
Positive Connection. Connects to the second remote temperature sensor.
13
ALERT/THERM2
Open-Drain Logic Output. Used as interrupt or SMBus alert. This may also be configured as a second THERM
output. Requires a pull-up resistor.
14
SDATA
Logic Input/Output, SMBus Serial Data. Open-drain output. Requires a pull-up resistor.
15
SCLK
Logic Input, SMBus Serial Clock. Requires a pull-up resistor.
16
ADD0
Address 0 Pin. Tri-state input to set the SMBus address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com