Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 18 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADT7483A
Rev. 1 | Page 18 of 24 | www.onsemi.com
write operation contains a second data byte that is written to the
register selected by the address pointer register (see Figure 16).
The device address is sent over the bus followed by R/W set
to 0. This is followed by two data bytes. The first data byte is
the address of the internal data register to be written to, which
is stored in the address pointer register. The second data byte is
the data to be written to the internal data register.
D7
D6
D5
D4
D3
D2
D1
D0
FRAME 3
DATA
BYTE
ACK. BY
ADT7483A
STOP BY
MASTER
SDA (CONTINUED)
SCL (CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7483A
SDA
SCL
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
00
1
1
01
R/W
ACK. BY
ADT7483A
1
1
9
9
1
9
Figure 16. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7483A
SDA
SCL
START BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
D7
D6
D5
D4
D3
D2
D1
D0
10
0
1
1
0
1
R/W
ACK. BY
ADT7483A
1
1
9
9
STOP BY
MASTER
Figure 17. Writing to the Address Pointer Register Only
FRAME 1
SERIAL BUS ADDRESS BYTE
ACK. BY
ADT7483A
SDA
SCL
START BY
MASTER
FRAME 2
DATA BYTE FROM ADT7483A
D7
D6
D5
D4
D3
D2
D1
D0
10
0
1
1
0
1
R/W
ACK. BY
MASTER
1
1
9
9
STOP BY
MASTER
Figure 18. Reading from a Previously Selected Register
When reading data from a register there are two possibilities:
•
If the address pointer register value of the ADT7483A is
unknown or not the desired value, it is first necessary to set
it to the correct value before data can be read from the
desired data register. This is done by performing a write to
the ADT7483A as before, but only the data byte containing
the register read address is sent, as data is not to be written
to the register (see Figure 17).
A read operation is then performed consisting of the serial
bus address, R/W bit set to 1, followed by the data byte
read from the data register (see Figure 18).
•
If the address pointer register is known to be already at the
desired address, data can be read from the corresponding
data register without first writing to the address pointer
register and the bus transaction shown in Figure 17 can
be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com