Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADT7483A
Rev. 1 | Page 21 of 24 | www.onsemi.com
•
If the measured temperature exceeds the high temperature
limit, the ALERT output asserts low.
•
If the temperature continues to increase and exceeds the
THERM limit, the THERM output asserts low. This can
be used to throttle the CPU clock or switch on a fan.
•
The THERM output deasserts (goes high) when the
temperature falls to THERM limit minus hysteresis. In
Figure 20, the default hysteresis value of 10°C is shown.
•
The ALERT output deasserts only when the temperature
has fallen below the high temperature limit, and the master
has read the device address and cleared the status register.
Pin 13 on the ADT7483A can be configured as either an
ALERT output or as an additional THERM output. THERM2
will assert low when the temperature exceeds the programmed
local and/or remote high temperature limits. It is reset in the
same manner as THERM, and it is not maskable. The programmed
hysteresis value also applies to THERM2. Figure 21 shows how
THERM and THERM2 might operate together to implement two
methods of cooling the system. In this example, the THERM2
limits are set lower than the THERM limits. The THERM2 output
can be used to turn on a fan. If the temperature continues to
rise and exceeds the THERM limits, the THERM output can
provide additional cooling by throttling the CPU.
THERM2 LIMIT
THERM LIMIT
THERM2
1
3
2
4
TEMPERATURE
THERM
90°C
80°C
70°C
60°C
50°C
40°C
30°C
Figure 21. Operation of the THERM and THERM2 Interrupts
•
When the THERM2 limit is exceeded, the THERM2 signal
asserts low.
•
If the temperature continues to increase and exceeds the
THERM limit, the THERM output asserts low.
•
The THERM output deasserts (goes high) when the
temperature falls to THERM limit minus hysteresis. In
Figure 21, there is no hysteresis value shown.
•
As the system cools further, and the temperature falls
below the THERM2 limit, the THERM2 signal resets.
Again, no hysteresis value is shown for THERM2.
The temperature measurement can be either the local or the
remote temperature measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com