Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADT7483A
Rev. 1 | Page 22 of 24 | www.onsemi.com
APPLICATIONS
NOISE FILTERING
For temperature sensors operating in noisy environments,
previous practice was to place a capacitor across the D+ and D−
pins to help combat the effects of noise. However, large capacitances
affect the accuracy of the temperature measurement, leading to a
recommended maximum capacitor value of 1,000 pF.
FACTORS AFFECTING DIODE ACCURACY
Remote Sensing Diode
The ADT7483A is designed to work with substrate transistors
built into processors or with discrete transistors. Substrate
transistors will generally be PNP types with the collector
connected to the substrate. Discrete types can be either a PNP
or NPN transistor connected as a diode (base shorted to
collector). If an NPN transistor is used, the collector and base
are connected to D+ and the emitter to D−. If a PNP transistor
is used, the collector and base are connected to D− and the
emitter to D+.
To reduce the error due to variations in both substrate and
discrete transistors, the following factors should be taken into
consideration:
•
The ideality factor,
nf, of the transistor is a measure of the
deviation of the thermal diode from ideal behavior. The
ADT7483A is trimmed for an
nf value of 1.008. Use the
following equation to calculate the error introduced at a
temperature,T (°C) when using a transistor whose
nf does
not equal 1.008. Consult the processor data sheet for the
nf
values.
(
)
(
)
T
Kelvin
n
T
f
+
×
=
Δ
15
.
273
008
.
1
/
008
.
1
–
To factor this in, write the ΔT value to the offset register. It
is then automatically added to, or subtracted from, the
temperature measurement by the ADT7483A.
•
Some CPU manufacturers specify the high and low current
levels of the substrate transistors. The high current level of
the ADT7483A, IHIGH, is 200 μA, and the low level current,
ILOW, is 12 μA. If the ADT7483A current levels do not match
the current levels specified by the CPU manufacturer, it may
be necessary to remove an offset. Refer to the CPU data
sheet to determine whether this offset needs to be removed
and how to calculate it. This offset is programmed to the
offset register. It is important to note that if more than one
offset must be considered, program the algebraic sum of
these offsets to the offset register.
If a discrete transistor is used with the ADT7483A, the best
accuracy is obtained by choosing devices according to the
following criteria:
•
Base-emitter voltage greater than 0.25 V at 6 μA, at the
highest operating temperature.
•
Base-emitter voltage less than 0.95 V at 100 μA, at the
lowest operating temperature.
•
Base resistance less than 100 Ω.
•
Small variation in hFE (50 to 150) that indicates tight
control of VBE characteristics.
Transistors such as 2N3904, 2N3906, or equivalents in SOT-23
packages, are suitable devices to use.
THERMAL INERTIA AND SELF-HEATING
Accuracy depends on the temperature of the remote sensing
diode and/or the local temperature sensor being at the same
temperature as that being measured. A number of factors can
affect this. Ideally, the sensor should be in good thermal contact
with the part of the system being measured. If it is not, the
thermal inertia caused by the sensor’s mass causes a lag in the
response of the sensor to a temperature change. In the case of
the remote sensor, this should not be a problem, since it will
either be a substrate transistor in the processor or a small
package device, such as SOT-23, placed in close proximity to it.
The on-chip sensor, however, is often remote from the
processor and only monitors the general ambient temperature
around the package. In practice, the ADT7483A package will be
in electrical, and hence thermal, contact with a PCB and may
also be in a forced airflow. How accurately the temperature of
the board and/or the forced airflow reflects the temperature to
be measured will also affect the accuracy. Self-heating, due to
the power dissipated in the ADT7483A or the remote sensor,
causes the chip temperature of the device or remote sensor to
rise above ambient. However, the current forced through the
remote sensor is so small that self-heating is negligible. In the
case of the ADT7483A, the worst-case condition occurs when
the device is converting at 64 conversions per second while
sinking the maximum current of 1 mA at the ALERT and
THERM output. In this case, the total power dissipation in the
device is about 4.5 mW. The thermal resistance, θJA, of the
QSOP-16 package is about 150°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com