Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADT7483A
Rev. 1 | Page 7 of 24 | www.onsemi.com
TYPICAL PERFORMANCE CHARACTERISTICS
3.5
–1.0
–50
150
TEMPERATURE (°C)
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
0
50
100
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4Σ
LOW 4Σ
Figure 4. Local Temperature Error vs. Temperature
3.5
–1.0
–50
150
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
0
50
100
TEMPERATURE (°C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
HIGH 4Σ
LOW 4Σ
Figure 5. Remote 1 Temperature Error vs. Temperature
3.5
–1.0
–50
150
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
0
50
100
TEMPERATURE (°C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4Σ
LOW 4Σ
Figure 6. Remote 2 Temperature Error vs. Temperature
10
–25
1
100
LEAKAGE RESISTANCE (MΩ)
5
0
–5
–10
–15
–20
10
D+ TO GND
D+ TO VCC
Figure 7. Temperature Error vs. D+/D− Leakage Resistance
0
–18
025
CAPACITANCE (nF)
–2
–4
–6
–8
–10
–12
–14
–16
510
15
20
DEV 3
DEV 2
DEV 4
Figure 8. Temperature Error vs. D+/D− Capacitance
1000
0
0.01
100
CONVERTION RATE (Hz)
900
800
700
600
500
400
300
200
100
0.1
1
10
DEV 4BC
DEV 3BC
DEV 2BC
Figure 9. Operating Supply Current vs. Conversion Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com