Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 12 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADT7483A
Rev. 1 | Page 12 of 24 | www.onsemi.com
Configuration 1 Register
Table 8. Configuration 1 Register (Read Address = 0x03, Write Address = 0x09)
Bit
Mnemonic
Function
7
Mask
Setting this bit to 1 masks all ALERTs on the ALERT pin. Default = 0 = ALERT enabled. This applies only if Pin 13
is configured as ALERT, otherwise it has no effect.
6
Mon/STBY
Setting this bit to 1 places the ADT7483A in standby mode, that is, suspends all temperature measurements
(ADC). The SMBus remains active and values can be written to, and read from, the registers. THERM and ALERT
are also active in standby mode. Changes made to the limit registers in standby mode that affect the THERM or
ALERT outputs will cause these signals to be updated. Default = 0 = temperature monitoring enabled.
5
AL/TH
This bit selects the function of Pin 13. Default = 0 = ALERT. Setting this bit to 1 configures Pin 13 as the
THERM2 pin.
4
Reserved
Reserved for future use.
3
Remote 1/Remote 2
Setting this bit to 1 enables the user to read the Remote 2 values from the Remote 1 registers.
Default = 0 = Remote 1 temperature values and limits are read from these registers. This bit is not lockable.
2
Temp Range
Setting this bit to 1 enables the extended temperature measurement range (−50°C to +150°C).
Default = 0 = 0°C to +127°C.
1
Mask R1
Setting this bit to 1 masks ALERTs due to the Remote 1 temperature exceeding a programmed limit.
Default = 0.
0
Mask R2
Setting this bit to 1 masks ALERTs due to the Remote 2 temperature exceeding a programmed limit.
Default = 0.
Configuration 2 Register
Table 9. Configuration 2 Register (Address = 0x24)
Bit
Mnemonic
Function
7
Lock Bit
Setting this bit to 1 locks all lockable registers to their current values. This prevents settings being
tampered with until the device is powered down. Default = 0.
<6:0>
Reserved
Reserved for future use.
Conversion Rate/Channel Selector Register
The conversion rate/channel selector register is at Address 0x04
for reads, and Address 0x0A for writes. The four LSBs of this
register are used to program the conversion times from 15.5 ms
(Code 0x0A) to 16 seconds (Code 0x00). To program the
ADT7483A to perform continuous measurements, set the
conversion rate register to 0x0B. For example, a conversion rate
of 8 conversions/second means that beginning at 125 ms
intervals, the device performs a conversion on the local and the
remote temperature channels.
This register can be written to and read back over the SMBus.
The default value of this register is 0x07, giving a rate of
8 conversions/second.
Bit 7 in this register can be used to disable averaging of the
temperature measurements. The ADT7483A can be configured
to take temperature measurements of either a single temperature
channel or all temperature channels. Bit 5 and Bit 4 can be used
to specify which temperature channel or channels are
measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com