Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 23 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADT7483A
Rev. 1 | Page 23 of 24 | www.onsemi.com
LAYOUT CONSIDERATIONS
Digital boards can be electrically noisy environments, and the
ADT7483A measures very small voltages from the remote
sensor, so care must be taken to minimize noise induced at the
sensor inputs. Follow these precautions:
•
Place the ADT7483A as close as possible to the remote
sensing diode. Provided that the worst noise sources such
as clock generators, data/address buses, and CRTs are
avoided, this distance can be 4 inches to 8 inches.
•
Route the D+ and D– tracks close together, in parallel,
with grounded guard tracks on each side. To minimize
inductance and reduce noise pickup, a 5 mil track width
and spacing is recommended. Provide a ground plane
under the tracks, if possible.
GND
D+
D–
GND
5MIL
5MIL
5MIL
5MIL
5MIL
5MIL
5MIL
Figure 22. Typical Arrangement of Signal Tracks
•
Minimize the number of copper/solder joints that can cause
thermocouple effects. Where copper/solder joints are used,
make sure that they are in both the D+ and D− path and at
the same temperature.
Thermocouple effects should not be a major problem as
1°C corresponds to approximately 200 mV, and thermo-
couple voltages are about 3 mV/°C of temperature difference.
Unless there are two thermocouples with a large temperature
differential between them, thermocouple voltages should
be much less than 200 mV.
•
Place a 0.1 μF bypass capacitor close to the VDD pin. In
extremely noisy environments, place an input filter
capacitor across D+ and D− close to the ADT7483A. This
capacitance can effect the temperature measurement, so
care must be taken to ensure that any capacitance seen at
D+ and D− is a maximum of 1,000 pF. This maximum
value includes the filter capacitance, plus any cable or stray
capacitance between the pins and the sensor diode.
•
If the distance to the remote sensor is more than 8 inches,
the use of twisted pair cable is recommended. A total of
6 feet to 12 feet is needed.
•
For very long distances (up to 100 feet), use shielded
twisted pair, such as Belden No. 8451 microphone cable.
Connect the twisted pair to D+ and D−, and the shield to
GND close to the ADT7483A. Leave the remote end of the
shield unconnected to avoid ground loops.
Because the measurement technique uses switched current
sources, excessive cable or filter capacitance can affect the
measurement. When using long cables, the filter capacitance
can be reduced or removed.
APPLICATION CIRCUIT
Figure 23 shows a typical application circuit for the ADT7483A,
using discrete sensor transistors. The pull-ups on SCLK,
SDATA, and ALERT are required only if they are not already
provided elsewhere in the system.
The SCLK and SDATA pins of the ADT7483A can be interfaced
directly to the SMBus of an I/O controller, such as the Intel® 820
chipset.
5V OR 12V
SMBUS
CONTROLLER
FAN CONTROL
CIRCUIT
2N3904/06
OR
CPU THERMAL
DIODE
D1+
D1–
D2+
D2–
VDD
SCLK
SDATA
ALERT
THERM
GND
ADT7483A 0.1μF
VDD
TYP 10kΩ
FAN ENABLE
3V TO 3.6V
TYP 10kΩ
ADD0
ADD1
Figure 23. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com