Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 1 Page - ON Semiconductor

  ADT7483AARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual Channel Temperature Sensor
and Over Temperature Alarm
ADT7483A
©2008 SCILLC. All rights reserved.
Publication Order Number:
February 2008 – Rev. 1
ADT7483A/D
FEATURES
1 local and 2 remote temperature sensors
0.25°C resolution/1°C accuracy on remote channels
1°C resolution/1°C accuracy on local channel
Extended, switchable temperature measurement range
0°C to 127°C (default) or –64°C to +191°C
2-wire SMBus serial interface with SMBus alert support
Programmable over/under temperature limits
Offset registers for system calibration
Up to 2 overtemperature fail-safe THERM outputs
Small 16-lead QSOP package
240 μA operating current, 5 μA standby current
APPLICATIONS
Desktop and notebook computers
Industrial controllers
Smart batteries
Automotive
Embedded systems
Burn-in applications
Instrumentation
GENERAL DESCRIPTION
The ADT7483A1 is a three-channel digital thermometer and
under/over temperature alarm, intended for use in PCs and
thermal management systems. It can measure the temperature
in two remote locations, for example, the remote thermal diode
in a CPU or GPU, or a discrete diode connected transistor. It can
also measure its own ambient temperature. The temperature of the
remote thermal diode and ambient temperature can be accurately
measured to ±1°C. The temperature measurement range defaults to
0°C to 127°C, compatible with ADM1032, but can be switched
to a wider measurement range, from −64°C to +191°C.
The ADT7483A communicates over a 2-wire serial interface
compatible with system management bus (SMBus) standards.
The SMBus address is set by the ADD0 and ADD1 pins. As
many as nine different SMBus addresses are possible.
An ALERT output signals when the on-chip or remote
temperature is outside the programmed limits. The THERM
output is a comparator output that allows, for example, on/off
control of a cooling fan. The ALERT output can be reconfigured
as a second THERM output, if required.
FUNCTIONAL BLOCK DIAGRAM
11-BIT A-TO-D
CONVERTER
RUN/STANDBY
BUSY
REMOTE 1 AND 2 TEMP
OFFSET REGISTERS
STATUS REGISTERS
INTERRUPT
MASKING
CONFIGURATION
REGISTERS
REMOTE 1 AND 2 TEMP
HIGH LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
LOW LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
THERM LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
THERM LIMIT REGISTER
ONE-SHOT
REGISTER
ADDRESS POINTER
REGISTER
CONVERSION RATE
REGISTER
REMOTE 1 AND 2 TEMP
VALUE REGISTERS
LOCAL TEMPERATURE
VALUE REGISTER
ON-CHIP TEMP
SENSOR
ANALOG
MUX
EXTERNAL DIODES OPEN-CIRCUIT
SMBus INTERFACE
ADT7483A
12
11
4
3
15
5
2
6
14
VDD
GND
SDATA SCLK
THERM
13
D1+
D1–
D2+
D2–
ALERT/THERM2
1
16
ADD0 ADD1
Figure 1.
1 Protected by U.S. Patents 5,195,827, 5,867,012, 5,982,221, 6,097,239, 6,133,753, 6,169,442, other patents pending.


Similar Part No. - ADT7483AARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7483AARQZ-REEL AD-ADT7483AARQZ-REEL Datasheet
499Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
ADT7483AARQZ-REEL7 AD-ADT7483AARQZ-REEL7 Datasheet
499Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
logo
ON Semiconductor
ADT7483AARQZ-RL ONSEMI-ADT7483AARQZ-RL Datasheet
285Kb / 20P
Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
More results

Similar Description - ADT7483AARQZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Analog Devices
ADT7481 AD-ADT7481 Datasheet
498Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
Dual Channel Temperature Sensor and Overtemperature Alarm
6/06-Revision 0
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
Alarm and temperature measurement application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com