Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADT7483A
Rev. 1 | Page 9 of 24 | www.onsemi.com
THEORY OF OPERATION
The ADT7483A is a local and 2x remote temperature sensor
and over/under temperature alarm. When the ADT7483A is
operating normally, the on-board ADC operates in a free-
running mode. The analog input multiplexer alternately selects
either the on-chip temperature sensor or one of the remote
temperature sensors to measure its local temperature. The ADC
digitizes these signals, and the results are stored in the local,
Remote 1, and Remote 2 temperature value registers.
The local and remote measurement results are compared with
the corresponding high, low, and THERM temperature limits
stored in on-chip registers. Out-of-limit comparisons generate
flags that are stored in the status register. A result that exceeds
the high temperature limit, the low temperature limit, or a
remote diode open circuit causes the ALERT output to assert
low. Likewise, exceeding THERM temperature limits causes the
THERM output to assert low. The ALERT output can be
reprogrammed as a second THERM output.
The limit registers can be programmed, and the device
controlled and configured, via the serial SMBus. The contents
of any register can also be read back via the SMBus.
Control and configuration functions consist of:
•
Switching the device between normal operation and
standby mode.
•
Selecting the temperature measurement scale.
•
Masking or enabling the ALERT output.
•
Switching Pin 13 between ALERT and THERM2.
•
Selecting the conversion rate.
TEMPERATURE MEASUREMENT METHOD
A simple method of measuring temperature is to exploit the
negative temperature coefficient of a diode, measuring the base-
emitter voltage (VBE) of a transistor, operated at constant
current. Unfortunately, this technique requires calibration to
null the effect of the absolute value of VBE, which varies from
device to device. The technique used in the ADT7483A is to
measure the change in VBE when the device is operated at two
different currents.
Figure 15 shows the input signal conditioning used to measure
the output of a remote temperature sensor. This figure shows
the remote sensor as a substrate transistor, but it could equally
be a discrete transistor. If a discrete transistor is used, the
collector is not grounded and should be linked to the base. To
prevent ground noise interfering with the measurement, the
more negative terminal of the sensor is not referenced to ground
but is biased above ground by an internal diode at the D− input.
C1 can be optionally added as a noise filter (recommended
maximum value 1,000 pF).
To measure ΔVBE, the operating current through the sensor is
switched among two related currents, I and N × I. The currents
through the temperature diode are switched between I and N × I,
giving ΔVBE. The temperature is then calculated using the ΔVBE
measurement.
The resulting ΔVBE waveforms pass through a 65 kHz low-pass
filter to remove noise and then to a chopper-stabilized
amplifier. This amplifies and rectifies the waveform to produce
a dc voltage proportional to ΔVBE. The ADC digitizes this
voltage and produces a temperature measurement. To reduce
the effects of noise, digital filtering is performed by averaging
the results of 16 measurement cycles for low conversion rates.
At rates of 16, 32, and 64 conversions/second, no digital
averaging takes place.
Signal conditioning and measurement of the local temperature
sensor is performed in the same manner.
LPF
VDD
IBIAS
N × I
I
BIAS
DIODE
D+
D–
C11
1CAPACITOR C1 IS OPTIONAL. IT IS ONLY NECESSARY IN NOISY ENVIRONMENTS. C1 = 1000pF MAX.
REMOTE
SENSING
TRANSISTOR
fC = 65kHz
VOUT+
VOUT–
TO ADC
Figure 15. Input Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com