Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADT7483A
Rev. 1 | Page 13 of 24 | www.onsemi.com
Table 10. Conversion Rate/Channel Selector Register
Bit
Mnemonic
Function
7
Averaging
Setting this bit to 1 disables averaging of the temperature measurements at the slower conversion rates
(averaging cannot take place at the three faster rates, hence, setting this bit has no effect).
Default = 0 = averaging enabled.
6
Reserved
Reserved for future use. Do not write to this bit.
<5:4>
Channel
Selector
These bits are used to select the temperature measurement channels.
00 = round robin = default = all channels.
01 = local temperature.
10 = Remote 1 temperature.
11 = Remote 2 temperature.
<3:0>
Conversion
Rates
These bits set how often the ADT7483A measures each temperature channel.
Conversions/second
Time (seconds)
0000 = 0.0625
16
0001 = 0.125
8
0010 = 0.25
4
0011 = 0.5
2
0100 = 1
1
0101 = 2
500 m
0110 = 4
250 m
0111 = 8 = default
125 m
1000 = 16
62.5 m
1001 = 32
31.25 m
1010 = continuous measurements
Limit Registers
The ADT7483A has three limits for each temperature channel:
high, low, and THERM temperature limits for local, Remote 1,
and Remote 2 temperature measurements. The remote temperature
high and low limits span two registers each to contain an upper
and lower byte for each limit. There is also a THERM hysteresis
register. All limit registers can be written to and read back over
the SMBus. See Table 8 for details of the limit registers’ addresses
and their power-on default values.
When Pin 13 is configured as an ALERT output, the high limit
registers perform a > comparison while the low limit registers
perform a ≤ comparison. For example, if the high limit register
is programmed with 80°C, then measuring 81°C will result in
an out-of-limit condition, setting a flag in the status register. If
the low limit register is programmed with 0°C, measuring 0°C
or lower will result in an out-of-limit condition.
Exceeding either the local or remote THERM limit asserts
THERM low. When Pin 13 is configured as THERM2,
exceeding either the local limit or remote high limit asserts
THERM2 low. A default hysteresis value of 10°C is provided
that applies to both THERM channels. This hysteresis value may
be reprogrammed to any value after power-up using Register
Address 0x21.
It is important to remember that the data format for temperature
limits is the same as the temperature measurement data format.
Thus, if the temperature measurement uses the default (binary),
then the temperature limits also use the binary scale. If the
temperature measurement scale is switched, however, the
temperature limits do not automatically switch. The user must
reprogram the limit registers to the desired value in the correct
data format. For example, if the remote low limit is set at 10°C
and the default binary scale is being used, the limit register
value should be 0000 1010b. If the scale is switched to offset
binary, the value in the low temperature limit register should be
reprogrammed to be 0100 1010b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com