Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADT7483A
Rev. 1 | Page 10 of 24 | www.onsemi.com
TEMPERATURE MEASUREMENT RESULTS
The results of the local and remote temperature measurements
are stored in the local and remote temperature value registers
and are compared with limits programmed into the local and
remote high and low limit registers.
The local temperature measurement is an 8-bit measurement
with 1°C resolution. The remote temperature measurements are
10-bit measurements, with eight MSBs stored in one register
and two LSBs stored in another register. Table 5 lists the
temperature measurement registers.
Table 5. Register Address for the Temperature Values
Temperature
Channel
MSB Register
Address
LSB Register
Address
Local
0x00
N/A
Remote 1
0x01
0x10 (2 MSBs)
Remote 2
0x30
0x33 (2 MSBs)
By setting Bit 3 of the Configuration 1 Register to 1, the
Remote 2 temperature values can be read from the following
register addresses:
Remote 2, MSBs = 0x01
Remote 2, LSBs = 0x10
The above is true only when Bit 3 of the Configuration 1
register is set. To read the Remote 1 temperatures, this bit needs
to be switched back to 0.
Only the two MSBs in the remote temperature low byte are
used. This gives the remote temperature measurement a
resolution of 0.25°C. Table 6 shows the data format for the
remote temperature low byte.
Table 6. Extended Temperature Resolution
(Remote Temperature Low Byte)
Extended Resolution
Remote Temperature Low Byte
0.00°C
0 000 0000
0.25°C
0 100 0000
0.50°C
1 000 0000
0.75°C
1 100 0000
When reading the full remote temperature value, both the high
and low byte, the two registers should be read LSB first and then
the MSB. This is because reading the LSB will cause the MSB to
be locked until it is read, guaranteeing that the two values read
are a result of the same temperature measurement.
TEMPERATURE MEASUREMENT RANGE
The temperature measurement range for both local and remote
measurements is, by default, 0°C to 127°C. However, the
ADT7483A can be operated using an extended temperature
range from −64°C to +191°C. This means, the ADT7483A can
measure the full temperature range of a remote thermal diode,
from −55°C to +150°C. The user can switch between these two
temperature ranges by setting or clearing Bit 2 in the Configura-
tion 1 register. A valid result is available in the next measurement
cycle after changing the temperature range.
In extended temperature mode, the upper and lower temperatures
that can be measured by the ADT7483A are limited by the remote
diode selection. The temperature registers themselves can have
values from −64°C to +191°C. However, most temperature sensing
diodes have a maximum temperature range of −55°C to +150°C.
Note that although both local and remote temperature measure-
ments can be made while the part is in extended temperature
mode, the ADT7483A should not be exposed to temperatures
greater than those specified in theAbsolute Maximum Ratings
section. Further, the device is only guaranteed to operate as
specified at ambient temperatures from −40°C to +120°C.
TEMPERATURE DATA FORMAT
The ADT7483A has two temperature data formats. When the
temperature measurement range is from 0°C to 127°C (default),
the temperature data format for both local and remote temperature
results is binary. When the measurement range is in extended
mode, an offset binary data format is used for both local and
remote results. Temperature values in the offset binary data
format are offset by +64. Examples of temperatures in both data
formats are shown in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com