Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7483AARQZ-R7 Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADT7483AARQZ-R7
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7483AARQZ-R7 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADT7483AARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7483AARQZ-R7 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADT7483A
Rev. 1 | Page 14 of 24 | www.onsemi.com
Status Registers
The status registers are read-only registers, at Address 0x02
(Status Register 1) and Address 0x23 (Status Register 2). They
contain status information for the ADT7483A.
Table 11. Status Register 1 Bit Assignments
Bit
Mnemonic
Function
ALERT
7
BUSY
Bit set to 1 when ADC converting
No
6
LHIGH1
Bit set to 1 when local high
temperature limit tripped
Yes
5
LLOW1
Bit set to 1 when local low
temperature limit tripped
Yes
4
R1HIGH1
Bit set to 1 when remote 1 high
temperature limit tripped
Yes
3
R1LOW1
Bit set to 1 when remote 1 low
temperature limit tripped
Yes
2
D1 OPEN1
Bit set to 1 when remote 1 sensor
open circuit
Yes
1
R1THRM1
Bit set to 1 when remote1 THERM
limit tripped
No
0
LTHRM1
Bit set to 1 when local THERM limit
tripped
No
1 These flags stay high until the status register is read, or they are reset by POR.
Table 12. Status Register 2 Bit Assignments
Bit
Mnemonic
Function
ALERT
7
Res
Reserved for future use
No
6
Res
Reserved for future use
No
5
Res
Reserved for future use
No
4
R2HIGH1
Bit set to 1 when Remote 2 high
temperature limit tripped
Yes
3
R2LOW1
Bit set to 1 when Remote 2 low
temperature limit tripped
Yes
2
D2 OPEN1
Bit set to 1 when Remote 2 sensor
open circuit
Yes
1
R2THRM1
Bit set to 1 when Remote2 THERM
limit tripped
No
0
ALERT
Bit set to 1 when ALERT condition
exists
No
1 These flags stay high until the status register is read, or they are reset by POR.
The eight flags that can generate an ALERT are NOR’d together,
so if any of them are high, the ALERT interrupt latch is set and
the ALERT output goes low (provided they are not masked out).
Reading the Status 1 register will clear the five flags, Bit 6 to
Bit 2 in Status Register 1, provided the error conditions that
caused the flags to be set have gone away. Reading the Status 2
register will clear the three flags, Bit 4 to Bit 2 in Status Register 2,
provided the error conditions that caused the flags to be set
have gone away. A flag bit can only be reset if the corresponding
value register contains an in-limit measurement or if the sensor
is good.
The ALERT interrupt latch is not reset by reading the status
register. It is reset when the ALERT output has been serviced by
the master reading the device address, provided the error
condition has gone away and the status register flag bits have
been reset.
When Flag 1 and/or Flag 0 of Status Register 1, or Flag 1 of
Status Register 2 are set, the THERM output goes low to
indicate that the temperature measurements are outside the
programmed limits. The THERM output does not need to be
reset, unlike the ALERT output. Once the measurements are
within the limits, the corresponding status register bits are
automatically reset and the THERM output goes high. The user
may add hysteresis by programming Register 0x21. The
THERM output will be reset only when the temperature falls
below the THERM limit minus hysteresis.
When Pin 13 is configured as THERM2, only the high
temperature limits are relevant. If Flag 6, Flag 4 of Status
Register 1, or Flag 4 of Status Register 2 are set, the THERM2
output goes low to indicate that the temperature measurements
are outside the programmed limits. Flag 5 and Flag 3 of Status
Register 1, and Flag 3 of Status Register 2 have no effect on
THERM2. The behavior of THERM2 is otherwise the same as
THERM.
Bit 0 of Status Register 2 is set whenever the ALERT output of
the ADT7483A is asserted low. This means that the user need
only read Status Register 2 to determine if the ADT7483A is
responsible for the ALERT. Bit 0 of Status Register 2 is reset
when the ALERT output is reset. If the ALERT output is
masked, then this bit is not set.
Offset Register
Offset errors may be introduced into the remote temperature
measurement by clock noise or by the thermal diode being
located away from the hot spot. To achieve the specified
accuracy on this channel, these offsets must be removed.
The offset values are stored as 10-bit, twos complement values.
The Remote 1 offset MSBs are stored in Register 0x11, and the
LSBs are stored 0x12 (low byte, left justified). The Remote 2
offset MSBs are stored in Register 0x34, and the LSBs are stored
0x35 (low byte, left justified). The Remote 2 offset can be
written to, or read from, the Remote 1 offset registers if Bit 3 of
the Configuration 1 register is set to 1. This bit should be set to
0 (default) to read the Remote 1 offset values.
Only the upper 2 bits of the LSB registers are used. The MSB of
the MSB offset registers is the sign bit. The minimum offset that
can be programmed is −128°C, and the maximum is +127.75°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com