Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 29 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 29 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 25Page - Motorola, Inc 68HC05CL48 Datasheet HTML 26Page - Motorola, Inc 68HC05CL48 Datasheet HTML 27Page - Motorola, Inc 68HC05CL48 Datasheet HTML 28Page - Motorola, Inc 68HC05CL48 Datasheet HTML 29Page - Motorola, Inc 68HC05CL48 Datasheet HTML 30Page - Motorola, Inc 68HC05CL48 Datasheet HTML 31Page - Motorola, Inc 68HC05CL48 Datasheet HTML 32Page - Motorola, Inc 68HC05CL48 Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
CPU
MOTOROLA
REV 2.0
3-1
SECTION 3
CPU
The MC68HC05CL48 has an 64k memory map. Therefore it uses all 16 bits of the
address bus. The stack has only 64 bytes. Therefore, the stack pointer has been
reduced to only 6 bits and will only decrement down to $00C0 and then wrap-
around to $00FF. All other instructions and registers behave as described in this
chapter.
3.1
REGISTERS
The MCU contains five registers which are hard-wired within the CPU and are not
part of the memory map. These five registers are shown in Figure 3-1 and are
described in the following paragraphs.
Figure 3-1. MC68HC05 Programming Model
3.1.1 Accumulator (A)
The accumulator is a general purpose 8-bit register as shown in Figure 3-1. The
CPU uses the accumulator to hold operands and results of arithmetic calculations
A
X
SP
PC
CC
HALF CARRY
INTERRUPT MASK
NEGATIVE
ZERO
CARRY
76
543210
15
14
13 12
11
10
9
8
ACCUMULATOR
INDEX REGISTER
STACK POINTER
CONDITION CODE REGISTER
00000
0
011
0
HI
N
Z
C
1
1
1
PROGRAM COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com