Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 57 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 57 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 53Page - Motorola, Inc 68HC05CL48 Datasheet HTML 54Page - Motorola, Inc 68HC05CL48 Datasheet HTML 55Page - Motorola, Inc 68HC05CL48 Datasheet HTML 56Page - Motorola, Inc 68HC05CL48 Datasheet HTML 57Page - Motorola, Inc 68HC05CL48 Datasheet HTML 58Page - Motorola, Inc 68HC05CL48 Datasheet HTML 59Page - Motorola, Inc 68HC05CL48 Datasheet HTML 60Page - Motorola, Inc 68HC05CL48 Datasheet HTML 61Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
TIMER
MOTOROLA
REV 2.0
8-5
The divide-by-4 prescaler is also reset and the counter resumes normal counting
operation. All of the flags and enable bits remain unaltered by this operation. If
access has previously been made to the high byte of the free running counter
($19 or $1B), then the reset counter operation terminates the access sequence.
Figure 8-3. Timer State Timing Diagram For Reset
8.1.2 Output Compare Registers
There are two output compare registers: output compare register 1 and output
compare register 2. Output compare registers can be used for several purposes
such as controlling an output waveform or indicating when a period of time has
elapsed. All bits are readable and writable and are not altered by the timer
hardware or reset. If the compare function is not needed, the two bytes of the
output compare register can be used as storage locations.
8.1.2.1
Output Compare Register 1
76543210
OC1H
$0015
READ
OC1:15
OC1:14
OC1:13
OC1:12
OC1:11
OC1:10
OC1:9
OC1:8
WRITE
RESET
UUUUUUUU
Internal Processor Clock
Internal Reset
Internal
Timer
Clocks
T00
T01
T10
T11
Counter (16bit)
RESET (External or POR)
$FFFC
$FFFD
$FFFE
$FFFF
NOTE: The Counter Register and Timer Control Register are the only ones affected by RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com