Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 44 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 44 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 40Page - Motorola, Inc 68HC05CL48 Datasheet HTML 41Page - Motorola, Inc 68HC05CL48 Datasheet HTML 42Page - Motorola, Inc 68HC05CL48 Datasheet HTML 43Page - Motorola, Inc 68HC05CL48 Datasheet HTML 44Page - Motorola, Inc 68HC05CL48 Datasheet HTML 45Page - Motorola, Inc 68HC05CL48 Datasheet HTML 46Page - Motorola, Inc 68HC05CL48 Datasheet HTML 47Page - Motorola, Inc 68HC05CL48 Datasheet HTML 48Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
RESETS
MC68HC05CL48
5-2
REV 2.0
5.3
COMPUTER OPERATING PROPERLY RESET (COPR)
The internal COPR reset is generated automatically (if enabled) by a time-out of
the COP Watchdog Timer. This time-out occurs if the counter in the COP
Watchdog Timer is not reset (cleared) within a specific time by a program reset
sequence. The COP Watchdog Timer can be enabled by setting bit 6 of the Option
Register at $001F. Refer to Section 8 for more information on this time-out
feature.
The COP Watchdog reset will activate the internal pulldown device connected to
the RESET pin for one cycle of the internal clock, PH2.
The COP register shares the same address ($FFF0) with the MS byte of the Core
Timer Interrupt Vector as shown below. Reading this location will return the MS
byte of the Core Timer Interrupt Vector. Writing $00 to this location clears the COP
watchdog timer.
76543210
COPR
$FFF0
READ
WRITE
COPR
POR
UUUUUUU
0
U = UNAFFECTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com