Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 91 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 91 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 87Page - Motorola, Inc 68HC05CL48 Datasheet HTML 88Page - Motorola, Inc 68HC05CL48 Datasheet HTML 89Page - Motorola, Inc 68HC05CL48 Datasheet HTML 90Page - Motorola, Inc 68HC05CL48 Datasheet HTML 91Page - Motorola, Inc 68HC05CL48 Datasheet HTML 92Page - Motorola, Inc 68HC05CL48 Datasheet HTML 93Page - Motorola, Inc 68HC05CL48 Datasheet HTML 94Page - Motorola, Inc 68HC05CL48 Datasheet HTML 95Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
CALLER-ID
MOTOROLA
REV 2.0
11-7
CDIF, BIT5 (Carrier Detect Interrupt Flag)
Provided the carrier detect interrupt is enabled by setting the CDIE, this bit is
set when the carrier is detected. When this flag is one an interrupt is generated.
This bit shares the interrupt vector address with Ring Detect interrupt. The
CDIF bit must be cleared by writing a zero.
RDIE, Bit6 (Ring Detect Interrupt Enable)
When set enables the ring detect interrupt to be generated when a ring is
detected or forced by writing to RDO.
RDIF, BIT7 (Ring Detect Interrupt Flag)
Provided the ring detect interrupt is enabled by setting the RDIE, this bit is set
when the ring is detected. When this flag is one an interrupt is generated. This
bit shares the interrupt vector address with Carrier Detect interrupt. The RDIF
bit must be cleared by writing a zero.
11.7.2 Control/Status Register 2 (CLCSR2)
CD, Bit0 (Carrier Detect)
This read only bit returns the value of the Carrier Detect signal which goes low
when a valid carrier is detected and remains low while the carrier remains valid.
RD, Bit1 (Ring Detect)
This read only bit returns the value of the Ring Detect signal which goes low
when a valid ringing signal is detected and remains low as long as the ringing
signal remains valid.
CIDSD, Bit2 (Caller ID Serial Data)
This read only bit returns the value of the Caller ID Serial Data (output of the on
chip demodulator) whenever the CD is low. This data includes the alternate 0
and 1 pattern, 150 ms marking which precedes the data. At all other times the
demodulator output is high.
CDPW, Bit5 (Carrier Detect Power Up)
This bit when set is used to enable carrier detection. An interrupt will be
generated when a valid carrier is detected and if the CDIE bit in the CLCSR1
register is set.
76543210
CLCSR2
$000B
READ
RDPW
CDPW
CIDSD
RD
CD
WRITE
RESET
U
0
0
U
U
U
1
1
U = UNAFFECTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com