Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 11 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 7Page - Motorola, Inc 68HC05CL48 Datasheet HTML 8Page - Motorola, Inc 68HC05CL48 Datasheet HTML 9Page - Motorola, Inc 68HC05CL48 Datasheet HTML 10Page - Motorola, Inc 68HC05CL48 Datasheet HTML 11Page - Motorola, Inc 68HC05CL48 Datasheet HTML 12Page - Motorola, Inc 68HC05CL48 Datasheet HTML 13Page - Motorola, Inc 68HC05CL48 Datasheet HTML 14Page - Motorola, Inc 68HC05CL48 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
MOTOROLA
REV 2.0
ix
LIST OF TABLES
Table
Title
Page
4-1
Vector Address for Interrupts and Reset.......................................................... 4-1
7-1
Port I/O Pin Functions ...................................................................................... 7-1
7-2
PORT C I/O Configuration ............................................................................... 7-2
8-1
RTI and COP Rates at 1.8MHz Bus Frequency............................................. 8-18
8-2
RTI and COP Rates 17.5kHz Bus Frequency................................................ 8-19
9-1
SPI Clock Rates ............................................................................................... 9-4
10-1
A/D Channel Assignments ............................................................................. 10-3
11-1
Typical Input parameter ................................................................................. 11-9
11-2
Critical Design Characteristic ....................................................................... 11-10
11-3
Switching Characteristics (VDD= 5V; TA=25 C) .......................................... 11-10
12-1
LCD RAM Organization.................................................................................. 12-2
12-2
LCD RAM Organization.................................................................................. 12-3
12-3
LCD Voltage Characteristic............................................................................ 12-8
12-4
Ladder Voltage Values................................................................................... 12-9
12-5
Contrast Resistor Values ............................................................................... 12-9
13-1
System Clock Frequency Selection ............................................................... 13-1
14-1
Register/Memory Instructions ........................................................................ 14-4
14-2
Read-Modify-Write Instructions...................................................................... 14-5
14-3
Jump and Branch Instructions........................................................................ 14-6
14-4
Bit Manipulation Instructions .......................................................................... 14-7
14-5
Control Instructions ........................................................................................ 14-7
14-6
Instruction Set Summary............................................................................... 14-8
14-7
Opcode Map................................................................................................. 14-14
B-1
MC68HC05CL16 and MC68HC05CL48 Differences .......................................B-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com