Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 65 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 65 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 61Page - Motorola, Inc 68HC05CL48 Datasheet HTML 62Page - Motorola, Inc 68HC05CL48 Datasheet HTML 63Page - Motorola, Inc 68HC05CL48 Datasheet HTML 64Page - Motorola, Inc 68HC05CL48 Datasheet HTML 65Page - Motorola, Inc 68HC05CL48 Datasheet HTML 66Page - Motorola, Inc 68HC05CL48 Datasheet HTML 67Page - Motorola, Inc 68HC05CL48 Datasheet HTML 68Page - Motorola, Inc 68HC05CL48 Datasheet HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
TIMER
MOTOROLA
REV 2.0
8-13
IC1F - Input Capture Flag
1 =
Flag set when a selected polarity edge has been sensed by the
input capture edge detector.
0 =
Flag cleared by reading the timer status register (with IC1F set)
followed by accessing the low byte ($14) of the input capture
register.
IC2F - Input Capture Flag
1 =
Flag set when a selected polarity edge has been sensed by the
input capture edge detector.
0 =
Flag cleared by reading the timer status register (with IC2F set)
followed by accessing the low byte ($10) of the input capture
register.
OC1F - Output Compare 1 Flag
1 =
Flag set when the output compare register 1 contents matches the
contents of the free running counter.
0 =
Flag cleared by reading the timer status register (with OC1F set)
and then accessing the low byte ($16) of the output compare 1
register.
OC2F - Output Compare 2 Flag
1 =
Flag set when the output compare register 2 contents matches the
contents of the free running counter.
0 =
Flag cleared by reading the timer status register (with OC2F set)
and then accessing the low byte ($18) of the output compare 1
register.
TOF - Timer OVerflow Flag
1 =
Flag set by transition of the free running counter from $FFFF to
$0000.
0 =
Flag cleared by reading the timer status register (with TOF set)
followed by an access of the free running counter least significant
byte ($1A).
Accessing the timer status register satisfies the first condition required to clear
status bits. The remaining step is to access the register corresponding to the
status bit.
A problem can occur when using the timer overflow function and reading the free-
running counter at random times to measure an elapsed time. Without
incorporating the proper precautions into software, the timer overflow flag could
unintentionally be cleared if:
1.
The timer status register is read or written when TOF is set, and
2.
The LSB of the free-running counter is read but not for the purpose of
servicing the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com