Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL48 Datasheet(PDF) 51 Page - Motorola, Inc

Part # 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Datasheet(HTML) 51 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 47Page - Motorola, Inc 68HC05CL48 Datasheet HTML 48Page - Motorola, Inc 68HC05CL48 Datasheet HTML 49Page - Motorola, Inc 68HC05CL48 Datasheet HTML 50Page - Motorola, Inc 68HC05CL48 Datasheet HTML 51Page - Motorola, Inc 68HC05CL48 Datasheet HTML 52Page - Motorola, Inc 68HC05CL48 Datasheet HTML 53Page - Motorola, Inc 68HC05CL48 Datasheet HTML 54Page - Motorola, Inc 68HC05CL48 Datasheet HTML 55Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
INPUT/OUTPUT PORTS
MOTOROLA
REV 2.0
7-3
PTC1
Input
Output
MISO: SPI slave data out (MSTR=0, SPE=1)
MISO: SPI master data in (MSTR=1, SPE=1)
PTC2
Input
Output
MOSI: SPI slave data in (MSTR=0, SPE=1)
MOSI: SPI master data out (MSTR=1, SPE=1)
PTC3
Input
SS: SPI slave select signal (SPE=1)
Note: This pin is internally connected to VDD when
(MSTR=1), this means that PTC3 can be used as a
normal port pin.
PTC4
Input
AD2: A-to-D input (ADON=1 and Channel-2
selected)
PTC5
Input
AD3: A-to-D input (ADON=1 and Channel-3
selected)
PTC6
Input
TCAP1: Timer input capture1 (CONF6=1).
PTC7
Input
TCAP2: Timer input capture2 (CONG7=1).
Table 7-2. PORT C I/O Configuration
PORT C
I/O Mode
Sub-System Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com